전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FNS-25W-R

  • AI
    The **FNS-25W-R** is a specific electronic component typically categorized as a **Wirewound Power Resistor**. These components are designed to dissipate significant amounts of heat while maintaining a stable resistance value in high-current applications. --- ### 1. Technical Specifications Below are the primary electronic characteristics of the FNS-25W-R series: | Parameter | Specification | Description | |:---|:---|:---| | **Power Rating** | 25 Watts | Maximum energy it can dissipate without damage. | | **Material** | Wirewound | Resistance is created by winding a metal wire (Ni-Cr) around a core. | | **Coating** | Silicone / Ceramic | Provides electrical insulation and high-temperature protection. | | **Tolerance** | ±5% (Typical) | The precision of the resistance value. | | **Mounting** | Axial / Radial / Bracket | Depends on the specific "FNS" sub-style (usually leaded). | --- ### 2. Key Internal Components The construction of the FNS-25W-R involves several critical materials to manage high power loads: * **Resistive Element:** High-quality alloy wire (Nickel-Chromium) wound to a precise length to achieve the target Ohms. * **Core Material:** Typically a high-purity **Alumina Ceramic** or Steatite rod. This acts as a heat sink and structural support. * **Terminals:** Solder-plated copper or copper-clad steel leads for high conductivity and ease of PCB integration. * **Outer Protection:** A flameproof, inorganic coating (often green or gray) that prevents oxidation and ensures safety under overload conditions. --- ### 3. Electronic Functions and Applications The FNS-25W-R is used in circuits where standard 1/4W or 1W resistors would burn out instantly. #### Common Uses: 1. **Current Limiting:** Preventing surges from damaging sensitive components like LEDs or capacitors. 2. **Braking Resistors:** Used in small motor controllers to dissipate kinetic energy. 3. **Voltage Dividers:** Creating specific voltage levels in power supply stages. 4. **Load Simulation:** Acting as a "dummy load" for testing power amplifiers or batteries. --- ### 4. Circuit Symbol and Implementation In a schematic, it is represented by the standard resistor symbol, but often includes the wattage rating for clarity. ```text [ 25W ] -----[ZZZZZZZ]----- R-Value ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the FNS-25W-R?
    • ⤷ How does the 'R' suffix in the part number affect the resistance value?
    • ⤷ Can this resistor be mounted directly to a chassis for better heat dissipation?