전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FNS-35W-R

  • AI
    The **FNS-35W-R** is a specific electronic component typically identified as a **Power Inductor** (Surface Mount Device - SMD). These components are critical in power management circuits for energy storage and noise filtering. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The FNS series is known for its shielded construction and high current handling capabilities. | Property | Typical Value/Description | | :--- | :--- | | **Component Type** | SMD Shielded Power Inductor | | **Inductance Range** | Typically denotes specific microhenry ($\mu H$) values based on series suffix | | **Shielding** | Magnetic Shielding (reduces EMI) | | **Mounting Type** | Surface Mount (SMT) | | **Core Material** | Ferrite | ### 2. Physical Characteristics The "35" in the part number usually refers to the physical dimensions of the package. * **Size Code:** Generally indicates a footprint of approximately **3.0mm x 3.0mm** or **3.5mm x 3.5mm** (depending on the specific manufacturer's datasheet). * **Low Profile:** Designed for compact electronics like smartphones, tablets, and wearable tech. * **Termination:** Lead-free (RoHS compliant) solder pads. ### 3. Key Electronic Parameters When integrating the FNS-35W-R into a circuit, engineers focus on these three electrical limits: 1. **DCR (DC Resistance):** The internal resistance of the copper winding. A lower DCR is preferred to minimize power loss and heat generation. 2. **Isat (Saturation Current):** The maximum current at which the inductance drops by a specific percentage (usually 30%). 3. **Irms (RMS Current):** The continuous current that causes a specific temperature rise (usually 40°C) in the component. ### 4. Typical Applications This part is commonly found in the following circuits: * **DC-DC Converters:** Used in "Buck" or "Boost" regulators to stabilize voltage. * **Power Supplies:** Filtering high-frequency noise in switching power supplies. * **Consumer Electronics:** Power management modules for CPUs and GPUs in mobile devices. --- ### Code Example: Calculating Inductor Voltage If you are simulating this component in a circuit using Python, you might use the following formula for voltage across an inductor ($V = L \cdot \frac{di}{dt}$): ```python def calculate_inductor_voltage(inductance_uh, current_change_amps, time_seconds): # Convert microhenries to henries L = inductance_uh * 1e-6 # V = L * (di/dt) voltage = L * (current_change_amps / time_seconds) return voltage # Example for a 4.7uH FNS inductor v_drop = calculate_inductor_voltage(4.7, 0.5, 0.000001) print(f"Voltage Drop: {v_drop}V") ```
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value for the 'W-R' suffix?
    • ⤷ How does magnetic shielding in the FNS series reduce EMI?
    • ⤷ What are the footprint dimensions for the 35W package size?