전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FNS-D1-R

  • AI
    The **FNS-D1-R** is an electronic component primarily classified as a **Digital Flow Sensor** or a **Mass Flow Meter**, often utilized in industrial automation, pneumatic systems, and gas management. It is designed to measure the flow rate of gases with high precision and provide electrical output signals for process control. --- ### 1. Key Electronic Specifications The FNS-D1-R operates on low-voltage DC power and provides standardized industrial outputs. | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 12 to 24 V DC (±10%) | | **Current Consumption** | $\leq$ 50 mA | | **Output Type** | Dual NPN/PNP Open Collector + Analog (1-5V or 4-20mA) | | **Response Time** | $\leq$ 50ms (Adjustable) | | **Display Type** | 3.5 digit, 2-color LCD (Red/Green) | | **Pressure Range** | 0 to 500 kPa (Typical) | --- ### 2. Core Electronic Functions The internal circuitry of the FNS-D1-R consists of several critical modules: #### A. Sensing Element (MEMS Thermal Sensor) The device typically uses a **Micro-Electro-Mechanical System (MEMS)** thermal mass flow sensor. * **Mechanism:** It consists of a heating element and two temperature sensors (upstream and downstream). * **Process:** As gas flows over the chip, it transfers heat. The electronic circuit measures the temperature differential ($\Delta T$) to calculate the mass flow rate. #### B. Signal Conditioning & ADC The raw analog signal from the MEMS sensor is extremely small. * **Amplification:** An internal operational amplifier (Op-Amp) scales the signal. * **ADC:** A high-resolution Analog-to-Digital Converter transforms the signal for the internal microcontroller. #### C. Control & Output Stage * **Microcontroller:** Processes the data, applies calibration factors, and manages the LCD display. * **Switching Output:** Provides a "Switch" signal (NPN or PNP) when a specific flow threshold is reached. * **Analog Output:** Provides a continuous signal proportional to the flow, allowing for integration with PLCs (Programmable Logic Controllers). --- ### 3. Wiring Configuration The FNS-D1-R generally uses a 4-wire or 5-wire connection scheme: ```markdown 1. Brown: DC (+) [12-24V] 2. Blue: DC (-) [0V / GND] 3. Black: Control Output 1 (Switching) 4. White: Control Output 2 or Analog Output (1-5V) 5. Gray: External Input (Auto-shift or Remote Reset) ``` --- ### 4. Application Environments Due to its electronic sensitivity, the FNS-D1-R is used in: * **Semiconductor Manufacturing:** Precise gas delivery. * **Leak Testing:** Detecting minute drops in flow. * **Pick-and-Place:** Confirming component suction via vacuum flow monitoring.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output modes in this sensor?
    • ⤷ Can the FNS-D1-R be calibrated for different types of gases like Argon or CO2?
    • ⤷ What are the common troubleshooting codes displayed on the LCD?