FNS-J2-R
AI

The **FNS-J2-R** is an electronic component primarily classified as a **High-Frequency (RF) Coaxial Connector**, specifically belonging to the **F-Type** family. These connectors are standard in telecommunications, particularly for cable television (CATV), satellite television, and cable modem applications.
Below is a detailed breakdown of its electronic specifications and characteristics.
### 1. General Specifications
The FNS-J2-R is designed to maintain signal integrity over high-frequency transmissions while providing a secure mechanical interface.
| Feature | Description |
| :--- | :--- |
| **Connector Type** | F-Type (Female Jack) |
| **Impedance** | 75 Ohms (Standard for Video/RF) |
| **Mounting Type** | PCB Mount (Right Angle / 90-degree) |
| **Frequency Range** | Typically 0 to 3 GHz |
| **RoHS Compliance** | Yes (R suffix usually denotes Lead-Free/RoHS) |
---
### 2. Key Electronic Parts and Materials
The performance of the FNS-J2-R is determined by its internal construction and the materials used for conductivity and insulation.
* **Center Contact:** Usually made of phosphor bronze or brass with gold or tin plating. It is designed to grip the center conductor of a male F-pin securely.
* **Insulator (Dielectric):** Typically made of **Polyethylene (PE)** or **PTFE (Teflon)**. This part maintains the 75-ohm impedance by providing a specific distance between the center pin and the outer shield.
* **Outer Body:** Constructed from Zinc alloy or Brass, often Nickel-plated to prevent oxidation and ensure a low-resistance ground path.
* **Solder Pins:** Specifically designed for PCB (Printed Circuit Board) insertion. The "J2" designation often refers to a specific lead configuration or spacing (pitch) for through-hole mounting.
---
### 3. Electrical Characteristics
To ensure signal quality in high-speed data or HD video environments, the FNS-J2-R adheres to strict electrical limits:
| Parameter | Typical Value |
| :--- | :--- |
| **Voltage Rating** | 500V RMS |
| **Contact Resistance** | < 5.0 mΩ (Center); < 2.5 mΩ (Outer) |
| **Insulation Resistance** | > 5000 MΩ |
| **Return Loss** | > 20dB @ 1GHz |
---
### 4. Application Scenarios
Because of its right-angle PCB mount design, the FNS-J2-R is commonly found in:
1. **Set-Top Boxes (STBs):** Where the cable signal enters the device.
2. **Cable Modems:** For high-speed DOCSIS data transmission.
3. **Wall Plates:** Modular jacks used in home networking.
4. **Signal Splitters:** Active and passive RF distribution hardware.
- ⤷
What are the mechanical dimensions for the PCB footprint of the FNS-J2-R?
- ⤷ How does the 75-ohm impedance of the FNS-J2-R differ from a 50-ohm BNC connector?
- ⤷ What is the maximum frequency support for the FNS-J2-R in 4K satellite applications?