전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FNS-ZD-R

  • AI
    The **FNS-ZD-R** is an industrial-grade, high-performance **RFID (Radio Frequency Identification)** reader module, typically used in automated logistics, production line tracking, and access control systems. Below is an explanation of its electronic components and technical specifications. --- ## 1. Core Electronic Components The FNS-ZD-R is designed for stability in electromagnetic environments. Its internal architecture usually consists of the following sections: | Component Type | Function | | :--- | :--- | | **RF Transceiver Chip** | The "brain" that handles radio frequency modulation and demodulation to communicate with tags. | | **Microcontroller (MCU)** | Processes data commands, manages anti-collision algorithms, and controls I/O logic. | | **Power Management IC** | Regulates input voltage (typically 5V or 12V) to stable internal levels (3.3V). | | **Signal Amplifier** | Boosts the RF signal to increase the reading distance and penetration. | | **Communication Interface** | Physical ports for data exchange (RS232, RS485, or TTL). | --- ## 2. Technical Specifications The electronic performance of the FNS-ZD-R is defined by its frequency and power efficiency: * **Operating Frequency:** Usually 13.56 MHz (HF) or 860-960 MHz (UHF), depending on the specific sub-model. * **Protocol Support:** Strictly adheres to ISO/IEC standards (e.g., ISO14443A or EPC Global Gen2). * **Read Range:** Typically varies from 0 to 5 meters depending on antenna configuration and power settings. * **Antenna Port:** Usually features a 50Ω characteristic impedance to prevent signal reflection and loss. --- ## 3. Interface and Pinout Structure Most FNS-ZD-R modules utilize a standard header for integration into larger systems: ```text Pin 1: VCC (Power Input +5V to +12V) Pin 2: GND (Ground) Pin 3: TXD / A (Data Transmit / RS485+) Pin 4: RXD / B (Data Receive / RS485-) Pin 5: GPIO / Wiegand (Optional Trigger/Output) ``` --- ## 4. Key Electronic Features 1. **Anti-Collision Logic:** The electronic circuitry is capable of identifying multiple tags simultaneously within the magnetic field. 2. **EMI Shielding:** The module is often encased or shielded to prevent interference from nearby motors or wireless devices. 3. **Low Power Consumption:** Designed for "sleep/wake" modes to save energy when no tags are detected. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum reading distance for the FNS-ZD-R UHF version?
    • ⤷ Which communication protocol does this module use for data transfer?
    • ⤷ Does the FNS-ZD-R require an external antenna or is it integrated?