전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FP0705R1-R15-R

  • AI
    ## Technical Overview: FP0705R1-R15-R The **FP0705R1-R15-R** is a high-current, shielded drum core power inductor designed specifically for high-frequency DC-DC converters. It belongs to the FP0705 series, commonly used in applications requiring high power density and efficiency. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | | :--- | :--- | | **FP0705** | Series size (approx. 7.0 x 7.0 x 4.95 mm) | | **R1** | Revision or variation code | | **R15** | Inductance value (R15 = 0.15 µH) | | **-R** | RoHS compliant | --- ### 2. Key Specifications The following table highlights the typical electrical and physical parameters for this specific part: | Parameter | Value | | :--- | :--- | | **Inductance (L)** | 0.15 µH | | **Tolerance** | ±10% or ±20% (Typical for series) | | **Saturation Current ($I_{sat}$)** | ~60A - 70A (Varies by temperature) | | **RMS Current ($I_{rms}$)** | ~40A - 50A | | **DC Resistance (DCR)** | ~0.25 mΩ to 0.40 mΩ | | **Operating Temp** | -40°C to +125°C | --- ### 3. Electronic Features & Materials The construction of the FP0705R1 series is optimized for performance in modern power electronics: * **Ferrite Core Material:** Provides low core losses at high frequencies, which is essential for switching regulators operating in the MHz range. * **High Current Handling:** Due to its very low DCR (DC Resistance), it can handle significant current with minimal self-heating. * **Shielded Design:** The "R1" variation features magnetic shielding to reduce EMI (Electromagnetic Interference), preventing the inductor's magnetic field from affecting nearby sensitive components. * **SMD Packaging:** Designed for automated surface mount assembly, providing a compact footprint for space-constrained PCBs. --- ### 4. Common Applications This inductor is typically found in the following electronic circuits: * **Multi-phase Vcore regulators:** Used in motherboards and servers to power CPUs/GPUs. * **Voltage Regulator Modules (VRMs):** High-efficiency power delivery systems. * **Point-of-Load (POL) Converters:** Distributed power architectures in telecommunications. --- ### 5. Footprint Example (Generic Layout) ```pcb // Suggested pad layout for FP0705 series (measurements in mm) // Pad Width: 2.5mm // Pad Length: 3.5mm // Gap between pads: 2.2mm ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Saturation Current' in this inductor?
    • ⤷ How does the DCR of this part compare to standard 1uH inductors?
    • ⤷ Can this part be used in automotive applications requiring AEC-Q200 certification?