전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FP2458-DP3X3-RPC

  • AI
    The **FP2458-DP3X3-RPC** is a high-performance, dual-band directional patch antenna typically used in industrial wireless networking and MIMO (Multiple-Input Multiple-Output) applications. ### 1. Technical Specifications Below is a breakdown of the electronic and physical characteristics of this antenna: | Feature | Specification | | :--- | :--- | | **Frequency Range** | 2.4 GHz - 2.5 GHz & 5.1 GHz - 5.9 GHz | | **Gain** | ~8 dBi (2.4 GHz) / ~10 dBi (5.6 GHz) | | **MIMO Configuration** | 3x3 (Three separate antenna elements) | | **Polarization** | Dual Linear (Vertical and Horizontal) | | **Connector Type** | RP-TNC (Reverse Polarity TNC) | | **Input Impedance** | 50 Ohms | | **VSWR** | ≤ 2.0:1 | --- ### 2. Key Electronic Components & Design #### A. Dual-Band Radiating Elements The "FP" stands for **Flat Panel**. Inside the housing, there are three distinct radiating elements. Each element is designed to resonate at both the 2.4 GHz (Wi-Fi 4) and 5 GHz (Wi-Fi 5/6) spectrums. This allows a single antenna unit to handle high-speed data across multiple bands. #### B. 3x3 MIMO Technology The **3X3** in the model name indicates that the antenna has three leads. * **Spatial Multiplexing:** It allows a compatible access point to transmit three different streams of data simultaneously. * **Diversity:** It improves signal reliability in environments with heavy interference or physical obstructions. #### C. RP-TNC Connectors The **RPC** suffix usually refers to the connector type, specifically **Reverse Polarity TNC**. These are standard in enterprise-grade Wi-Fi equipment (like Cisco or Aruba) because they are more rugged than standard SMA connectors and offer low signal loss at high frequencies. --- ### 3. Radiation Pattern Characteristics This is a **Directional** antenna, meaning it focuses its energy in a specific direction rather than 360 degrees. * **Horizontal Beamwidth:** Typically 60° to 75°. * **Vertical Beamwidth:** Typically 55° to 70°. * **Front-to-Back Ratio:** High (ensures minimal signal leakage behind the antenna, reducing interference). --- ### 4. Implementation Example If connecting this to a wireless access point, the configuration in a configuration script might look like this (pseudo-code): ```yaml antenna_profile: model: "FP2458-DP3X3-RPC" type: "Directional Patch" mimo: 3x3 bands: - freq: 2.4GHz gain: 8dBi - freq: 5.0GHz gain: 10dBi connectors: 3x RP-TNC ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between this patch antenna and an omnidirectional antenna?
    • ⤷ Can this antenna be used with Wi-Fi 6E (6GHz) systems?
    • ⤷ What is the ideal mounting height for a 3x3 MIMO directional antenna?