전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPE-11-R

  • AI
    The **FPE-11-R** is an addressable fire alarm system peripheral, specifically an **Addressable Photoelectric Smoke Detector** designed for use with fire alarm control panels (FACPs) from manufacturers like Siemens or Cerberus Pyrotronics (often part of the FireFinder or XLS systems). --- ## 1. Core Electronic Components and Design The FPE-11-R utilizes a combination of optical sensors and integrated circuitry to detect fire conditions. | Component | Function | | :--- | :--- | | **Infrared (IR) LED** | Pulsed light source that emits a beam into the sensing chamber. | | **Photodiode** | A light-sensitive sensor positioned at an angle to the LED to detect scattered light. | | **Microprocessor** | Processes signals, handles digital communication, and stores the device address. | | **Address Switches** | Physical dials (usually rotary) used to set the unique loop identification number. | | **Red/Green LED** | Visual indicator for power (blinking green) and alarm status (solid red). | --- ## 2. Technical Specifications The "R" suffix typically denotes a version designed for specific environmental or compatibility requirements (often "Relay" or "Remote" capability depending on the specific series configuration). | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 16 - 27 VDC (supplied by the SLC loop) | | **Current (Standby)** | ~280 µA | | **Detection Method** | Light Scattering (Tyndall Effect) | | **Communication** | Analog Addressable Protocol | | **Environment** | Indoor, non-condensing (32°F to 100°F) | --- ## 3. Operating Principle The electronic operation follows a logic-based sequence: 1. **Sensing:** The IR LED pulses periodically. In a clean environment, light does not hit the photodiode. 2. **Scattering:** When smoke particles enter the chamber, they scatter the IR light. 3. **Conversion:** The photodiode converts the scattered light into an analog electrical signal. 4. **Digitization:** The onboard microprocessor converts the analog signal to a digital value and compares it against a pre-set threshold. 5. **Communication:** When the Fire Alarm Control Panel (FACP) polls the device address, the FPE-11-R sends its status (Normal, Trouble, or Alarm) back via the Signaling Line Circuit (SLC). --- ## 4. Maintenance and Diagnostics The electronics include self-diagnostic features: * **Automatic Sensitivity Testing:** The panel can electronically poll the detector to verify it is within its UL-listed sensitivity range. * **Drift Compensation:** The microprocessor can electronically adjust the "baseline" signal to account for dust buildup over time, reducing false alarms. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FPE-11 and the FPE-11-C variants?
    • ⤷ How do you set the address on an FPE-11-R detector?
    • ⤷ Which base models are compatible with the FPE-11-R?