전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPK-R-2A

  • AI
    Based on technical specifications, the **FPK-R-2A** is a specialized electronic component, typically classified as a **Time-Delay Subminiature Fuse** (often part of the FPK series used in high-reliability or aerospace-style applications). --- ## 🛠️ Technical Specifications The following table outlines the core electronic characteristics of the FPK-R-2A: | Feature | Specification | | :--- | :--- | | **Component Type** | Subminiature Fuse | | **Current Rating** | 2 Amperes (2A) | | **Response Characteristic** | Time-Delay (Slow-Blow) | | **Voltage Rating** | Typically 125V AC / DC (Varies by manufacturer) | | **Body Style** | Radial Lead / Through-Hole | | **Material** | Thermoplastic / Ceramic housing | --- ## 🧩 Key Electronic Parts & Construction The internal architecture of an FPK-R-2A style fuse consists of several critical elements: ### 1. The Fuse Element The heart of the component is a metallic wire or strip designed to melt when current exceeds 2A for a specific duration. In a "Time-Delay" version, this element is often thicker or coiled to withstand brief "inrush" currents without blowing. ### 2. Radial Leads The "R" in the series often denotes **Radial** leads. These are the two metal pins extending from the bottom of the fuse, allowing it to be soldered directly onto a Printed Circuit Board (PCB). ### 3. Encapsulation (Housing) The internal parts are encased in a flame-retardant plastic or ceramic body. This protects the circuit from the small "arc" that occurs when the fuse blows and prevents debris from contaminating the PCB. --- ## ⚡ Functionality in a Circuit * **Overcurrent Protection:** It acts as a "weak link." If a fault occurs and 5A flows through a 2A circuit, the FPK-R-2A melts, breaking the circuit and protecting sensitive ICs (Integrated Circuits). * **Inrush Tolerance:** Because it is a Time-Delay fuse, it can handle a 4A spike for a fraction of a second (common when motors or capacitors start up) without failing. * **Compact Footprint:** Unlike large glass tube fuses, these are small (subminiature), making them ideal for modern, dense electronics like power supplies or chargers.
    ✨ Follow-up Questions
    • ⤷What is the difference between a Fast-Acting and a Time-Delay fuse?
    • ⤷ How do I test if an FPK-R-2A fuse is blown using a multimeter?
    • ⤷ Can I replace a 2A fuse with a 3A fuse in an emergency?