전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPM-212-R8AE

  • AI
    The **FPM-212-R8AE** is an industrial-grade 12.1" SVGA monitor manufactured by Advantech. It is designed for human-machine interface (HMI) applications in harsh environments. Below is a breakdown of its core electronic components and technical specifications. --- ### 1. Display and Visual Specifications The visual output is the primary function of this device, utilizing an industrial LCD panel designed for longevity. | Feature | Specification | | :--- | :--- | | **Display Type** | SVGA TFT LCD | | **Size** | 12.1 inch | | **Max Resolution** | 800 x 600 | | **Brightness** | 450 cd/m² (Nits) | | **Contrast Ratio** | 700:1 | | **Backlight MTBF** | 50,000 hours | --- ### 2. Touch Control System The "R" in the model name signifies a **Resistive** touch screen. This allows for operation with fingers, styluses, or gloved hands. * **Touch Type:** 5-wire Analog Resistive. * **Interface:** Dual-mode support via **USB** or **RS-232 (Serial)**. * **Durability:** Rated for approximately 35 million touches at a single point. * **Driver Support:** Compatible with Windows, Linux, and embedded OS environments. --- ### 3. Electronic Interfaces (I/O) The rear electronic assembly contains the logic board and signal converters. * **Video Input:** * **VGA:** Standard D-Sub 15-pin connector. * **Direct-VGA Signal:** Optimized for industrial PC distances. * **Touch Interface:** * 1 x USB Type-B port. * 1 x RS-232 (COM) port. * **Power Input:** * External 60W power adapter. * DC input range: Typically 12V DC (with some variations supporting Phoenix terminal blocks). --- ### 4. Power Consumption and Protection The internal circuitry is hardened to resist electrical interference common in factories. | Parameter | Value | | :--- | :--- | | **Power Consumption** | 22W (Typical) | | **Power Input** | 100 ~ 240 VAC (via Adapter) / 12 VDC | | **Protection** | Chassis Grounding, Overvoltage protection | --- ### 5. Mechanical & Environmental Integration The electronic parts are encased in a ruggedized chassis to ensure protection from external elements. * **Front Panel IP Rating:** **IP65 certified** (Dust-tight and protected against water jets). * **Chassis Material:** Die-cast magnesium alloy (Excellent heat dissipation and EMI shielding). * **Operating Temperature:** 0 ~ 50°C (32 ~ 122°F). * **Mounting Support:** VESA mount (75mm), Wall, Desktop, or Panel mount. --- ### Summary Table: Key Components | Component | Description | | :--- | :--- | | **Inverter/LED Driver** | Controls backlight intensity and dimming. | | **A/D Board** | Converts VGA analog signals to digital LVDS for the LCD. | | **Touch Controller** | Processes pressure-sensitive inputs into coordinate data. | | **OSD Buttons** | Rear-facing buttons for brightness, contrast, and auto-tuning. |
    ✨ Follow-up Questions
    • ⤷ How does the 5-wire resistive touch compare to capacitive touch in industrial settings?
    • ⤷ Can this monitor be powered directly from a 24V DC industrial power supply?
    • ⤷ What are the specific mounting dimensions for the FPM-212-R8AE?