전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPM-212-R9AE

  • AI
    The **FPM-212-R9AE** is an industrial-grade 12.1" SVGA TFT LED LCD monitor, typically manufactured by Advantech. It is designed for harsh environments, featuring a rugged design and specific electronic components that allow it to interface with industrial PCs. --- ### Core Electronic Specifications The following table outlines the primary electronic and technical characteristics of the FPM-212-R9AE: | Feature | Specification | | :--- | :--- | | **Display Type** | SVGA TFT LED LCD | | **Screen Size** | 12.1 inches | | **Max. Resolution** | 800 x 600 | | **Luminance (Brightness)** | 450 cd/m² | | **Backlight Life** | 50,000 hours | | **Touchscreen Type** | 5-wire Resistive | | **Power Input** | External 57W power adapter (100-240 VAC input, 12 VDC output) | | **Power Consumption** | 13W + 20% (Typical) | --- ### Key Internal Components & Connectivity #### 1. Display Controller Board The internal PCB (Printed Circuit Board) translates incoming video signals (VGA) into the LVDS (Low-Voltage Differential Signaling) format required by the LCD panel. * **Video Input:** 1 x VGA (D-Sub 15-pin). * **OSD Controls:** Located on the rear panel, allowing electronic adjustment of brightness, contrast, and phase. #### 2. Touchscreen Controller The "R" in the model name indicates a **Resistive** touchscreen. * **Interface:** It utilizes an RS-232 (COM port) or USB interface to communicate touch coordinates to the host computer. * **Durability:** The 5-wire resistive technology is electronically rated for 35 million touches at a single point. #### 3. Power Management The unit is designed for industrial stability: * **Input Protection:** Includes basic surge protection for industrial environments. * **Energy Efficiency:** The LED backlight technology reduces power draw compared to older CCFL (Cold Cathode Fluorescent Lamp) models. #### 4. Physical Chassis & Protection While not purely "electronic," the housing serves an electronic purpose: * **IP65 Rating:** The front panel is electronically sealed against dust and water ingress. * **Grounding:** The aluminum front bezel provides an anti-corrosion and anti-static (ESD) ground path. --- ### Environmental Operating Range The electronic components are rated to operate within the following thresholds: * **Operating Temperature:** -20 ~ 60°C (-4 ~ 140°F) * **Storage Temperature:** -30 ~ 80°C (-22 ~ 176°F) * **Vibration Protection:** 1 Grms (5 ~ 500 Hz)
    ✨ Follow-up Questions
    • ⤷ Does the FPM-212-R9AE support HDMI or DisplayPort inputs?
    • ⤷ How do I install the touchscreen drivers for this specific model?
    • ⤷ What are the mounting options available for this industrial monitor?