전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPM-215-R8AE

  • AI
    The **FPM-215-R8AE** is an industrial-grade 15" XGA TFT LED LCD monitor manufactured by Advantech. It is designed for harsh environments, featuring a rugged design and specific electronic components optimized for reliability and connectivity. --- ### Core Electronic Specifications The internal electronics are centered around high-quality display driving and touch interface management. | Component | Specification | Details | | :--- | :--- | :--- | | **Display Type** | 15" XGA TFT LED LCD | Provides 1024 x 768 resolution. | | **Backlight** | LED | Offers 50,000 hours of life (MTBF). | | **Touch Controller** | 5-wire Resistive | Durable interface that works with gloves or pens. | | **Input Voltage** | 12 VDC | Standard industrial DC power input. | | **Luminance** | 400 cd/m² | High brightness for visibility in lit environments. | | **Interface** | VGA + DVI-D | Dual video input options. | --- ### Key Internal Modules #### 1. Display Driver Board (A/D Board) The Analog-to-Digital board acts as the "brain" of the monitor. It converts incoming VGA (analog) or DVI (digital) signals into the LVDS (Low-Voltage Differential Signaling) format required by the LCD panel. * **Protection:** Features industrial-grade capacitors and resistors to handle electromagnetic interference (EMI). #### 2. Touch Screen Controller This is a dedicated circuit that translates physical pressure on the screen into X/Y coordinates. * **Interface:** Supports both RS-232 (Serial) and USB interfaces for the touch data output. * **Durability:** The 5-wire resistive technology ensures the sensor remains functional even if the top layer is slightly damaged. #### 3. LED Driver (Inverter Replacement) Unlike older CCFL monitors, the FPM-215-R8AE uses an LED driver circuit to power the backlight. * **Efficiency:** Consumes less power and generates less heat than traditional inverters. * **Dimming:** Allows for brightness adjustment through the OSD (On-Screen Display) buttons. #### 4. I/O Ports and Connectors The physical interface panel includes: * **Video Inputs:** 1 x VGA; 1 x DVI-D. * **Touch Ports:** 1 x USB Type-B; 1 x RS-232 (DB9). * **Power:** Plug-in block with a locking screw to prevent accidental disconnection. --- ### Environmental and Electrical Protection The electronics are housed in a way that meets specific industrial standards: * **NEMA4/IP65 Compliance:** The front bezel electronics are protected against dust and water ingress. * **Anti-Corrosion:** The chassis is usually made of Al-Mg (Aluminum-Magnesium) or stainless steel to protect internal circuits from oxidation. * **Grounding:** Includes dedicated grounding points to protect against static discharge (ESD) in factory settings.
    ✨ Follow-up Questions
    • ⤷What is the difference between the USB and RS-232 touch interfaces on this model?
    • ⤷ Can this monitor be powered by a 24V DC source instead of 12V?
    • ⤷ How do I calibrate the 5-wire resistive touch screen in Windows?