전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPM-2150G-RCE

  • AI
    The **FPM-2150G-RCE** is an industrial-grade 15" XGA TFT LED LCD monitor designed by Advantech. It is engineered for harsh environments, featuring a rugged design and specific electronic components that differentiate it from consumer-grade displays. --- ### 1. Core Electronic Specifications The internal electronics are optimized for stability, high-resolution clarity, and long-term reliability. | Component | Specification | Description | | :--- | :--- | :--- | | **Display Type** | 15" XGA TFT LED LCD | Provides better brightness and lower power consumption than CCFL. | | **Max Resolution** | 1024 x 768 | Standard 4:3 aspect ratio for industrial HMI interfaces. | | **Luminance** | 400 cd/m² | High brightness for visibility in well-lit factory floors. | | **Contrast Ratio** | 700:1 | Ensures sharp differentiation between graphical elements. | | **Backlight Life** | 50,000 Hours | Industrial MTBF (Mean Time Between Failures) rating. | --- ### 2. Control & Interface Electronics The electronic "brain" of the monitor consists of an AD (Analog-to-Digital) board that handles signal processing and power management. * **Input Ports:** * **VGA:** For legacy industrial PC connections. * **Direct-VGA/DP/DVI:** Depending on the specific revision, it supports digital signal inputs to reduce electronic noise interference. * **Touchscreen Controller:** * **Technology:** 5-wire Resistive Touch. * **Interface:** Dual-mode support via **RS-232 (Serial)** or **USB**. The internal controller translates physical pressure into digital coordinates. * **Power Circuitry:** * **Input:** Phoenix-type 12V DC input or a standard DC Jack. * **Protection:** Includes voltage surge protection and EMI filtering to prevent damage from "dirty" industrial power grids. --- ### 3. Physical & Environmental Electronics Design The electronic assembly is housed in a way that protects it from external stressors. 1. **Anti-Corrosion/Anti-Glare:** The screen features a chemically strengthened glass layer to protect the LCD matrix. 2. **OSD (On-Screen Display) Controls:** Tactile buttons located on the rear or bottom allow for electronic adjustment of brightness, contrast, and scaling. 3. **Grounding:** The Al-Mg (Aluminum-Magnesium) front panel is electronically grounded to the chassis to dissipate static electricity (ESD). --- ### 4. Mounting & Integration | Feature | Details | | :--- | :--- | | **Mounting** | Panel, Wall, Desktop, or VESA Arm. | | **IP Rating** | IP65 Compliant front panel (Dust-tight and protected against water jets). | | **Dimensions** | 383 x 307 x 48 mm (15.08" x 12.09" x 1.89"). |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5-wire resistive touch used here and a capacitive screen?
    • ⤷ Can the FPM-2150G-RCE be powered by a standard 24V industrial power supply?
    • ⤷ How do I install the touch drivers for the RS-232 interface?