전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPM-3191G-R3AE

  • AI
    The **Advantech FPM-3191G-R3AE** is a 19" SXGA industrial monitor designed for harsh environments. Its electronic components are engineered for durability, signal integrity, and high-quality visual output. --- ### 1. Display and Panel Specifications The core electronic component is the **TFT LCD panel**, which handles the image reproduction and backlight control. | Component | Specification | Description | | :--- | :--- | :--- | | **Panel Type** | SXGA TFT LCD | Standard 4:3 aspect ratio for industrial software. | | **Resolution** | 1280 x 1024 | High-density pixels for clear UI elements. | | **Max Colors** | 16.7M | 24-bit color depth for accurate rendering. | | **Luminance** | 350 cd/m² | High brightness for visibility in lit factories. | | **Backlight MTBF** | 50,000 Hours | LED/CCFL driver designed for 24/7 longevity. | --- ### 2. Control and Input Interface The internal controller board (AD Board) manages signal conversion from the PC to the LCD panel. * **Signal Inputs:** * **VGA (D-Sub):** Analog signal processing for legacy industrial controllers. * **DVI-D:** Digital interface for lossless image transmission and better EMI resistance. * **OSD (On-Screen Display) Controls:** Electronic tactile buttons located on the rear or side to adjust brightness, contrast, and horizontal/vertical positioning. --- ### 3. Touchscreen Electronics The "R" in the model name indicates a **Resistive** touch system. * **Type:** 5-wire Analog Resistive. * **Interface:** Dual-mode support via **USB** or **RS-232 (Serial)**. * **Controller:** An internal ASIC (Application-Specific Integrated Circuit) translates physical pressure into X-Y coordinates sent to the host OS. * **Durability:** The electronic sensors are rated for 36 million touches at a single point. --- ### 4. Power Management The FPM-3191G-R3AE uses industrial-grade power regulation to handle voltage fluctuations. * **Input Voltage:** 100 ~ 240 $V_{AC}$ (via an external 60W power adapter). * **Power Consumption:** Typically around 31W during active operation. * **Protection:** Integrated grounding and surge protection to prevent damage from industrial electrical noise. --- ### 5. Mechanical and Environmental Integration The electronic parts are protected by a ruggedized chassis: * **Front Panel:** IP65 rated (Waterproof/Dustproof electronics). * **Chassis:** Anti-corrosion coating and heavy-duty steel. * **Mounting:** Supports VESA, Panel, and Rack mounting, ensuring the electronic cables are strain-relieved. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power adapter requirements for the FPM-3191G?
    • ⤷ How do I configure the touch controller to use RS-232 instead of USB?
    • ⤷ Does this model support HDMI or DisplayPort inputs through adapters?