전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPM-3191G-RCE

  • AI
    The **FPM-3191G-RCE** is an industrial-grade 19" SXGA TFT LED LCD monitor designed by Advantech. It is engineered for harsh environments, featuring a rugged design and specific electronic components that differentiate it from standard consumer displays. --- ### Core Electronic Specifications | Component | Specification | | :--- | :--- | | **Display Type** | 19" SXGA TFT LED LCD | | **Max Resolution** | 1280 x 1024 | | **Luminance (Brightness)** | 350 cd/m² | | **Contrast Ratio** | 1000:1 | | **Backlight Lifetime** | 50,000 hours | | **Power Input** | Phoenix Jack: 24 VDC input | | **Power Consumption** | 18 W + 20% | --- ### Key Electronic Interface & Connectivity The electronic architecture of the FPM-3191G-RCE centers around its I/O board, which handles signal conversion and power management: * **Video Input Ports:** * **VGA:** For legacy analog signals. * **DVI-D:** For digital video signals, ensuring better image clarity without analog interference. * **Touchscreen Controller:** * **Type:** 5-wire Resistive touch. * **Interface:** Dual-mode support via **USB** or **RS-232 (COM port)**. The electronic controller inside interprets physical pressure into coordinates. * **Control Interface:** * **OSD (On-Screen Display):** Located on the rear panel, these buttons allow for electronic adjustment of brightness, contrast, and scaling. --- ### Ruggedized Electronic Features Unlike commercial monitors, the electronics in this model are hardened for industrial use: 1. **Direct-VGA/DVI Signal Transmission:** The internal logic boards are optimized for long-distance signal stability. 2. **Anti-Corrosion/Hardened Chassis:** The front panel is IP65 certified, meaning the electronic components behind the screen are protected against dust and water jets. 3. **Power Protection:** The 24V DC input is designed to handle the fluctuations typically found in factory power grids, often including surge protection. 4. **Grounding:** The chassis includes a dedicated screw for earth grounding to prevent Electrostatic Discharge (ESD) from damaging the internal LCD driver. --- ### Circuit Connectivity Example (Touch Driver) To enable the touch functionality, the electronic integration usually follows this logic: ```yaml Signal_Flow: Touch_Sensor: 5-wire Resistive Membrane Controller: Integrated Analog-to-Digital Converter (ADC) Output_Options: - USB_Type_B: Plug-and-play for modern OS - RS-232: Serial communication for legacy PLC/Industrial PCs ```
    ✨ Follow-up Questions
    • ⤷ What are the mounting options available for the FPM-3191G-RCE?
    • ⤷ How does the 5-wire resistive touch technology differ from capacitive touch electronics?
    • ⤷ Can this monitor be powered using a standard AC adapter?