전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPM-3191S-R3BE

  • AI
    The **FPM-3191S-R3BE** is an industrial-grade 19" SXGA TFT LED LCD monitor manufactured by Advantech. It is designed for harsh environments, featuring a ruggedized chassis and specific electronic components that distinguish it from consumer-grade displays. ### 1. Core Display Specifications The electronic backbone of the unit is centered around its high-resolution panel and backlighting system. | Component | Specification | Description | | :--- | :--- | :--- | | **Panel Type** | SXGA TFT LCD | Provides a resolution of 1280 x 1024. | | **Backlight** | LED | Offers a lifespan of 50,000 hours and lower power consumption than CCFL. | | **Luminance** | 350 cd/m² | High brightness for visibility in industrial lighting. | | **Contrast Ratio** | 1000:1 | Ensures deep blacks and clear image differentiation. | --- ### 2. Control and Input Interface The internal Controller Board (A/D Board) manages the signal conversion from the source to the LCD panel. * **Video Inputs:** * **VGA (D-Sub):** For legacy industrial PC connections. * **Direct-VGA Port:** Specialized for Advantech industrial controllers. * **OSD (On-Screen Display):** Located on the rear panel, these electronic tactile switches allow for digital adjustment of contrast, brightness, and horizontal/vertical positioning. --- ### 3. Touchscreen Electronics The "R" in the model name signifies a **Resistive** touch system. * **Type:** 5-wire Analog Resistive. * **Interface:** Dual-interface support via **RS-232 (Serial)** or **USB**. * **Durability:** The electronic sensor layer is rated for 36 million touches at a single point. * **Controller:** An internal logic chip converts pressure-based voltage changes into coordinate data for the OS. --- ### 4. Power Management The FPM-3191S-R3BE is designed for versatile power environments. * **Input Voltage:** Supports a wide range via an external power adapter (100~240VAC input) or direct **+12VDC** input. * **Power Consumption:** Typically around **23W** during standard operation. * **Protection:** Includes basic surge protection and EMI filtering to prevent interference from industrial machinery. --- ### 5. Physical & Environmental Protection The electronics are housed in a way that ensures longevity in "dirty" environments. * **IP65 Rating:** The front panel is electronically sealed against dust and water jets. * **Chassis:** Anti-corrosion coating and stainless steel/aluminum construction to shield internal circuitry from electromagnetic interference (EMI).
    ✨ Follow-up Questions
    • ⤷ What are the mounting options available for the FPM-3191S-R3BE?
    • ⤷ Can this monitor be used with a 24VDC power supply common in industrial cabinets?
    • ⤷ Does the 5-wire resistive touch support multi-touch gestures?