전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPM-7121T-R3AE

  • AI
    The **FPM-7121T-R3AE** is an industrial-grade 12.1" XGA TFT LED LCD monitor manufactured by Advantech. It is designed specifically for rugged environments, such as factory automation and machine-building interfaces. Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Display and Visual Components The core of the unit is its industrial display panel, designed for longevity and high visibility. | Component | Specification | Description | | :--- | :--- | :--- | | **Panel Type** | 12.1" XGA TFT LCD | High-contrast display for industrial GUIs. | | **Max Resolution** | 1024 x 768 | Standard 4:3 aspect ratio. | | **Backlight** | LED | Offers a lifespan of 50,000 hours. | | **Luminance** | 600 $cd/m^2$ | High brightness for readability in lit environments. | | **Contrast Ratio** | 700:1 | Ensures clear distinction between colors/shades. | ### 2. Touch Control Electronics The "R" in the model name indicates a **Resistive** touch system, which is ideal for operators wearing gloves. * **Touch Type:** 5-wire Analog Resistive. * **Interface:** Dual support via USB or RS-232 (COM port) for touch data transmission. * **Durability:** Rated for 36 million touches at a single point. * **Light Transmission:** Approximately 80% (typical for resistive overlays). ### 3. Input/Output (I/O) Interfaces The internal controller board (AD Board) manages the signal conversion from the PC to the LCD panel. * **Video Inputs:** * **VGA:** Standard analog signal. * **Direct-VGA:** Optimized for Advantech IPCs. * **Control Ports:** * **USB (Type B):** For touch screen functionality. * **RS-232:** Alternative serial connection for touch data. * **OSD (On-Screen Display):** Rear-mounted buttons for adjusting brightness, contrast, and positioning. ### 4. Power Circuitry The device is built to handle the fluctuating power conditions of industrial settings. * **Input Voltage:** 12 $V_{DC}$ (Standard). * **Power Adapter:** Phoenix Contact plug (3-pin) for secure industrial wiring. * **Power Consumption:** 9W typical (low power draw due to LED backlighting). ### 5. Physical and Environmental Protections The electronic housing is designed to meet specific ingress protection standards. * **Front Panel:** IP66 rated (Protected against dust and powerful water jets). * **Chassis:** Die-cast magnesium alloy (Acts as a heat sink and provides EMI shielding). * **Operating Temp:** -20 to 60°C (-4 to 140°F), requiring wide-temp rated capacitors and semiconductors. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the FPM-7121T and the FPM-7151T models?
    • ⤷ Can the resistive touch screen be replaced with a capacitive one?
    • ⤷ What mounting options are available for the FPM-7121T-R3AE?