전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPM-7151T-R3AE

  • AI
    ## Electronic Specifications: Advantech FPM-7151T-R3AE The **Advantech FPM-7151T-R3AE** is an industrial-grade 15" XGA TFT LED LCD monitor featuring a resistive touchscreen and a wide operating temperature range. Below are the detailed electronic and technical components. --- ### 1. Display and Visual Specifications The core of the unit is a high-performance industrial display panel designed for visibility in harsh environments. | Component | Specification | | :--- | :--- | | **Display Type** | 15" XGA TFT LED LCD | | **Max Resolution** | 1024 x 768 | | **Luminance (Brightness)** | 400 cd/m² | | **Contrast Ratio** | 700:1 | | **Backlight Life** | 50,000 hours | | **Viewing Angle** | 160° (H) / 140° (V) | --- ### 2. Control and Input Interface The electronic controller board (AD Board) supports multiple signal inputs to interface with various industrial PCs or PLCs. * **Video Inputs:** * **VGA:** Standard analog signal. * **Direct-VGA:** Enhanced signal processing for clarity. * **DP (DisplayPort):** Digital video interface for modern hardware. * **Touch Interface:** * **USB:** Primary interface for touch data transmission. * **RS-232:** Alternative serial interface for legacy system compatibility. --- ### 3. Power Management The FPM-7151T is designed to operate on standard industrial DC rails. * **Input Voltage:** 24 $V_{DC}$ * **Power Consumption:** 18 W (Typical) * **Power Connector:** Phoenix Terminal Block (3-pin) for secure industrial wiring. * **Protection:** The unit typically includes over-voltage and reverse-polarity protection to prevent damage during installation. --- ### 4. Touchscreen Electronics The "R" in the model name signifies a **5-wire Resistive** touch system. * **Durability:** Rated for 36 million touches at a single point. * **Transparency:** 80% (±3%). * **Controller:** Integrated electronic controller that translates pressure into X/Y coordinates via the USB/RS-232 bus. --- ### 5. Environmental & Certification The electronic components are hardened to meet NEMA and IP standards. * **Front Panel:** IP66 rated (Protection against dust and high-pressure water jets). * **Operating Temp:** -20 ~ 60°C (-4 ~ 140°F). * **Certifications:** BSMI, CCC, CE, FCC Class A, UL. ---
    ✨ Follow-up Questions
    • ⤷ What are the mounting options available for the FPM-7151T-R3AE?
    • ⤷ Does this model support multi-touch gestures like pinching and zooming?
    • ⤷ Which power supply adapter is recommended for this 24V DC input?