전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPM-717-R9AE

  • AI
    The **FPM-717-R9AE** is an industrial-grade 17" SXGA TFT LED LCD monitor manufactured by Advantech. It is designed specifically for rugged environments, featuring a flat panel and a resistive touchscreen. Below is a breakdown of its key electronic components and specifications. --- ### 1. Display and Visual Specifications The core of the unit is its high-quality industrial display panel. | Feature | Specification | | :--- | :--- | | **Display Type** | 17" SXGA TFT LED LCD | | **Max. Resolution** | 1280 x 1024 | | **Max. Colors** | 16.7M | | **Luminance (cd/m²)** | 350 | | **Backlight Life** | 50,000 hours | | **Viewing Angle** | 160° (H), 140° (V) | --- ### 2. Control and Input Interface The electronic interface allows for versatile connectivity with industrial PCs or PLCs. * **Video Inputs:** * **VGA:** Standard analog signal input. * **Direct-VGA:** Optimized for clean signal transmission. * **Touchscreen Controller:** * **Technology:** 5-wire Analog Resistive. * **Interface:** Dual support for **RS-232 (Serial)** or **USB**. * **Durability:** Tested for 35 million touches at a single point. * **OSD (On-Screen Display):** Located on the rear panel, allowing electronic adjustment of brightness, contrast, and image positioning. --- ### 3. Power System The device is built to handle the fluctuations of industrial power grids. * **Input Voltage:** 12 $V_{DC}$ (Standard). * **Power Adapter:** External 57W power adapter (AC 100V ~ 240V). * **Power Consumption:** Typically around 18W + 20% (varies based on brightness). --- ### 4. Rugged Electronic Design To survive factory floors, the internal electronics are shielded and protected: 1. **Chassis Construction:** Anti-corrosion chassis with an IP66-rated aluminum alloy front bezel (protects internal electronics from water and dust). 2. **Mounting Protection:** Designed to withstand vibration (5 ~ 500 Hz, 1 Grms) and shock (11ms duration, 10G). 3. **Wide Temperature Tolerance:** The electronic components are rated to operate between **0 ~ 50°C (32 ~ 122°F)**. --- ### 5. Physical Connectivity Layout The I/O ports are generally located at the bottom or rear of the unit to facilitate cable management: ```text [ DC In ] [ VGA Port ] [ USB/RS-232 for Touch ] [ OSD Buttons ] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R9AE and newer FPM series models?
    • ⤷ Does this model support multi-touch gestures?
    • ⤷ Can this monitor be mounted using a VESA arm?