전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPM-8151H-R3AE

  • AI
    ## FPM-8151H-R3AE: Electronic & Technical Overview The **FPM-8151H-R3AE** is an industrial-grade 15" XGA TFT LCD monitor designed for harsh environments, commonly used in oil and gas, chemical, and hazardous locations. It is manufactured by Advantech. --- ### 1. Display and Visual Specifications The core electronic component is the industrial LCD panel paired with an LED backlight driver. | Feature | Specification | | :--- | :--- | | **Display Type** | 15" XGA TFT LCD | | **Max Resolution** | 1024 x 768 | | **Max Colors** | 16.2M / 262K | | **Luminance (Brightness)** | 400 cd/m² | | **Backlight Life** | 50,000 hours | | **Viewing Angle (H/V°)** | 160 / 140 | --- ### 2. Input and Interface Electronics The device functions as a display terminal, requiring internal controller boards to translate video signals into LCD-native LVDS signals. * **Video Inputs:** * **VGA:** Analog signal input. * **DVI-D:** Digital Visual Interface (Digital only). * **Touch Interface:** * Uses a **5-wire Resistive Touchscreen**. * Interface: Combined **RS-232 (Serial)** and **USB** ports for touch data transmission. * **Control Buttons:** Rear-mounted OSD (On-Screen Display) controls for adjusting brightness, contrast, and alignment. --- ### 3. Power System The internal power circuitry is designed for industrial stability and wide input ranges. * **Power Input:** Phoenix terminal block for 24 VDC input. * **Input Range:** Supports **10 ~ 30 VDC**. * **Power Consumption:** Typically around 18W (±20%). * **Protection:** Includes over-voltage and reverse-polarity protection to prevent damage during field installation. --- ### 4. Environmental & Certification Electronics The "H" in the model number signifies its suitability for **Hazardous Locations**. * **Class I, Division 2 (CID2):** The electronic components are sealed and tested to ensure they do not produce sparks capable of igniting flammable gases or vapors. * **Ingress Protection:** The front panel is **NEMA4/IP65** rated, protected against dust and water jets. * **Anti-Corrosion:** Features a 316L Stainless Steel front bezel to resist chemical wear. --- ### 5. Summary Table of Hardware | Component | Description | | :--- | :--- | | **Bezel Material** | 316L Stainless Steel | | **Chassis** | Anti-rust chassis / Aluminum back cover | | **Mounting** | Panel, Wall, Desktop, VESA or Rackmount | | **Dimensions** | 422 x 310 x 70 mm (16.61" x 12.2" x 2.76") | | **Weight** | 7.73 kg (17.04 lbs) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R3AE and previous versions of this monitor?
    • ⤷ Does this monitor require specific drivers for the resistive touchscreen in Windows 10?
    • ⤷ What are the specific mounting bracket options for a rack installation?