전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPM-8151H-R3BE

  • AI
    The **FPM-8151H-R3BE** is an industrial-grade 15" XGA TFT LCD monitor designed by Advantech. It is specifically engineered for hazardous environments and heavy-duty industrial applications. Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Display and Visual Specifications The core of the unit is a high-quality industrial display panel capable of operating under intense lighting and extreme temperatures. | Component | Specification | | :--- | :--- | | **Panel Type** | 15" XGA TFT LCD | | **Resolution** | 1024 x 768 | | **Max. Colors** | 16.2M (6-bit + FRC) | | **Luminance** | 400 cd/m² | | **Backlight Life** | 50,000 Hours | | **Viewing Angle** | 160° (H), 140° (V) | ### 2. Touch and Control Electronics The "R" in the model name indicates a **Resistive** touch screen, which is ideal for industrial settings where operators may be wearing gloves. * **Touch Controller:** Built-in RS-232 and USB interface for touch data transmission. * **Touch Type:** 5-wire resistive (provides high durability and accuracy). * **OSD (On-Screen Display):** Rear-mounted buttons allow for electronic adjustment of brightness, contrast, and scaling. ### 3. Power System The internal power circuitry is designed to handle the "dirty" power often found in industrial grids, featuring surge protection and wide input ranges. * **Input Voltage:** 24 $V_{DC}$ (Standard industrial power rail). * **Power Consumption:** 18W + 20% (Typical). * **Power Interface:** Phoenix Terminal Block (for secure, vibration-resistant wiring). ### 4. Input/Output (I/O) Connectivity The electronic interface board supports multiple signal standards to ensure compatibility with both legacy and modern Industrial PCs (IPCs). * **Video Inputs:** 1 x VGA, 1 x DVI-D. * **Touch Interface:** 1 x USB (Type B), 1 x RS-232 (DB9). * **Grounding:** Dedicated screw-type grounding stud to prevent EMI (Electromagnetic Interference) issues. --- ### 5. Specialized Certifications The electronic design of the FPM-8151H-R3BE meets specific safety standards for volatile environments: 1. **Class I, Division 2 (CID2):** The electronics are sealed to prevent sparks from igniting flammable gases or vapors in the atmosphere. 2. **IP65 Protection:** The front bezel electronics are protected against dust ingress and low-pressure water jets. 3. **Anti-Corrosion:** Features a 316L stainless steel front bezel to protect internal electronics from chemical degradation.
    ✨ Follow-up Questions
    • ⤷ What are the mounting options available for the FPM-8151H?
    • ⤷ Can this monitor be used with a 110V AC power source?
    • ⤷ How does the 5-wire resistive touch differ from a capacitive touch screen in industrial use?