전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPM-817S-R6AE

  • AI
    ## Technical Overview of FPM-817S-R6AE The **FPM-817S-R6AE** is an industrial-grade 17" SXGA TFT LED LCD monitor manufactured by Advantech. It is designed specifically for harsh environments such as factory floors and outdoor kiosks. --- ### 1. Core Electronic Specifications The following table outlines the primary electronic and display characteristics of the unit: | Component | Specification | | :--- | :--- | | **Display Type** | 17" SXGA TFT LED LCD | | **Max. Resolution** | 1280 x 1024 | | **Luminance (Brightness)** | 350 cd/m² | | **Backlight MTBF** | 50,000 hours | | **Input Voltage** | 10 - 30 VDC (Phoenix Jack) | | **Power Consumption** | 20 W + 20% (Typical) | | **Video Input** | VGA & DVI-D | --- ### 2. Key Electronic Features #### A. Power Module The device features a flexible power input design suitable for industrial power grids. * **Wide DC Input:** It supports a range of **10 to 30 VDC**, allowing it to be powered by standard industrial 12V or 24V rails. * **Protection:** Includes basic surge protection and grounding via the rear chassis to prevent interference in high-EMC environments. #### B. Touchscreen Controller The "S" in the model name typically indicates a **Resistive Touchscreen**. * **Interface:** Connects to the host PC via **USB** or **RS-232 (Serial)**. * **Durability:** 5-wire resistive technology allows for operation with gloves or styluses, which is essential for industrial HMI (Human Machine Interface). #### C. Control Board (OSD) The Rear/Side OSD (On-Screen Display) controls allow for electronic adjustment of: * Contrast and Brightness. * Horizontal and Vertical position. * Color temperature. * Auto-adjustment for analog signals (VGA). --- ### 3. Environmental Resistance The electronics are protected by a robust physical housing: * **IP65 Rating:** The front panel is protected against dust and water ingress. * **Anti-reflective Screen:** Chemically strengthened glass to reduce glare from overhead factory lighting. --- ### 4. Connection Interface Pinouts The rear I/O panel consists of several electronic ports: ```text [ Power ] [ VGA ] [ DVI-D ] [ Touch (USB) ] [ Touch (RS-232) ] (o) |:::| |:::::| [__] |:::| ``` ---
    ✨ Follow-up Questions
    • ⤷What are the mounting options available for the FPM-817S?
    • ⤷ Can this monitor be powered by an AC adapter?
    • ⤷ How do I calibrate the resistive touchscreen on Windows 10?