전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPM4184H-R010BKP

  • AI
    Based on the part number **FPM4184H-R010BKP**, this component belongs to the category of **High-Power Current Sensing Resistors** (often referred to as Shunt Resistors). These are specialized electronic parts used to measure current flow by monitoring the voltage drop across a known low resistance. ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Metal Plate Current Sense Resistor | | **Series** | FPM Series (typically High Power/Metal Foil) | | **Resistance Value** | 10 mΩ (0.010 Ohms) | | **Tolerance** | ±1% (denoted by 'F' or 'K' in various coding schemes) | | **Package / Case** | 4184 Metric (Large format for heat dissipation) | | **Material** | Manganese-Copper or Ni-Cr alloy | | **Termination** | 2-Terminal or 4-Terminal (Kelvin) design | --- ### 2. Key Electronic Characteristics #### A. Power Rating and Heat Dissipation The "4184" physical footprint is relatively large, indicating this part is designed for **high-wattage applications** (likely 3W to 5W or higher). The metal plate construction allows it to handle significant current without burning out, using the PCB as a heat sink. #### B. Low Resistance (10mΩ) The **R010** in the part number signifies 0.010 Ohms. * **Purpose:** To minimize power loss ($P = I^2 \times R$) while providing enough voltage for an amplifier to read. * **Example:** At 10 Amps, the voltage drop is $10A \times 0.01 \Omega = 100mV$. #### C. Temperature Coefficient of Resistance (TCR) Components like this usually have a very low TCR (e.g., < 50 ppm/°C). This ensures that as the resistor heats up due to high current, the resistance value remains stable, ensuring accurate measurements. --- ### 3. Common Applications These parts are critical in power management circuits where monitoring energy consumption or protecting against overcurrent is necessary: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in EV batteries or power tools. 2. **Motor Controllers:** Sensing phase current to control speed and torque. 3. **DC-DC Converters:** Providing feedback loops for voltage regulation. 4. **Inverters:** Managing power flow in solar or UPS systems. --- ### 4. Part Number Breakdown (Typical) * **FPM:** Series identifier (Functional Precision Metal). * **4184:** Physical dimensions (Length/Width). * **H:** Likely denotes high-power rating or specific temperature range. * **R010:** The resistance value ($R$ acts as decimal, $010 = 10$ milliohms). * **BKP:** Packaging code (e.g., Bulk Pack or Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for this specific 10mΩ resistor?
    • ⤷ How does a 4-terminal Kelvin connection improve sensing accuracy compared to this 2-terminal part?
    • ⤷ What are the recommended PCB layout practices for high-power shunt resistors?