FPV325-20-R050CS
AI

The **FPV325-20-R050CS** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Current Sense Resistor**. It is designed for precision power management and current monitoring applications.
---
## 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Current Sense Resistor / Metal Foil Resistor |
| **Resistance Value** | 50 mΩ (0.050 Ω) |
| **Tolerance** | ±1% (typically indicated by the "F" or specific series code) |
| **Power Rating** | 2.0 Watts (indicated by the "20") |
| **Package Size** | 3225 (Metric) / 1210 (Imperial) |
| **Temperature Coefficient (TCR)** | ±50ppm/°C to ±100ppm/°C |
| **Construction** | Metal Plate / Low Inductance |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the part's capabilities:
* **FPV:** Series identifier (often associated with High Power, Low Resistance series).
* **325:** Refers to the physical dimensions (3.2mm x 2.5mm, or 1210 footprint).
* **20:** Represents the Power Rating (2.0 Watts).
* **R050:** The resistance value ($0.050$ Ohms).
* **CS:** Typically refers to the termination style or packaging (e.g., Chip Standard or specific coating).
---
## 3. Key Electronic Characteristics
### A. Current Sensing Principle
This resistor acts as a "shunt." By placing it in series with a load, a small voltage drop occurs across the resistor ($V = I \times R$). Because the resistance is very low ($50 m\Omega$), the power loss is minimized while allowing a microcontroller or power IC to measure the current flowing through the circuit.
### B. Low Inductance
Because this is a metal plate resistor, it has parasitic inductance significantly lower than wire-wound resistors. This makes it ideal for high-frequency switching power supplies where signal integrity is crucial.
### C. Thermal Stability
The "CS" series often features enhanced heat dissipation. In FPV (First Person View) drones or high-power robotics (common uses for this part), managing heat at 2 Watts is critical to prevent "thermal drift," which would otherwise cause inaccurate current readings.
---
## 4. Typical Applications
* **FPV Drone Power Distribution Boards (PDBs):** Monitoring battery discharge rates.
* **Battery Management Systems (BMS):** Measuring charge and discharge cycles.
* **DC-DC Converters:** Providing feedback for over-current protection.
* **Motor Controllers:** Monitoring Phase current to prevent motor burnout.
---
- ⤷
How do I calculate the maximum current this resistor can handle before failing?
- ⤷ What are the common alternatives if the FPV325 series is out of stock?
- ⤷ Why is a 4-terminal (Kelvin) connection sometimes preferred over this 2-terminal SMD part?