FPV325-20-R050FS
AI

### Analysis of the FPV325-20-R050FS
The **FPV325-20-R050FS** is a specialized precision current sense resistor, typically used in power management and sensing circuits. These components are designed to provide low resistance values with high stability and precision to measure current flow by monitoring the voltage drop across them.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Precision Current Sense Resistor |
| **Resistance Value** | 50 mΩ (0.050 Ohms) |
| **Tolerance** | ±1% (Standard for 'F' designation) |
| **Power Rating** | 20 Watts (High power capability) |
| **Package/Style** | Heat-sink mountable (likely TO-220 or similar footprint) |
| **Temperature Coefficient** | Low (Designed for stability under thermal load) |
---
### Component Breakdown
1. **FPV325 Series:** This refers to the physical architecture. These resistors are often designed with a metal film or foil technology to ensure linear performance across a wide temperature range.
2. **20:** Represents the **Power Rating**. A 20W rating suggests that this resistor is designed for high-current applications and usually requires being bolted to a chassis or a heat sink for thermal dissipation.
3. **R050:** This is the **Resistance Code**. "R" acts as the decimal point, so R050 translates to 0.050Ω or 50mΩ.
4. **F:** Indicates the **Tolerance**. 'F' stands for ±1%, meaning the actual resistance will be between 49.5mΩ and 50.5mΩ.
5. **S:** Usually refers to the **Packaging or Lead Style** (e.g., standard lead-form or specific plating).
---
### Applications
* **Power Supplies:** Used in the feedback loop to regulate output current.
* **Motor Control:** Monitoring current to prevent stalls or over-torque conditions.
* **Battery Management Systems (BMS):** Measuring charge and discharge rates in high-capacity battery packs.
* **Industrial Testing:** Acting as a shunt in test equipment.
---
### Installation Requirements
Because this is a **20-watt** component, it will generate significant heat if used at its full capacity.
* **Heat Sinking:** It must be mounted to a metal surface using thermal interface material (TIM) like thermal paste.
* **Kelvin Connection:** For maximum accuracy at 50mΩ, a 4-wire (Kelvin) connection is recommended to eliminate the resistance of the PCB traces from the measurement.
- ⤷
What are the alternative tolerance ratings for the FPV series?
- ⤷ How do I calculate the maximum current for a 20W 50m\u03a9 resistor?
- ⤷ Does this component require active cooling or just a passive heat sink?