전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPV325-20-R050WM

  • AI
    The **FPV325-20-R050WM** is a high-precision, high-power **Current Sense Resistor** (often referred to as a Shunt Resistor). These components are critical in electronic circuits for measuring current flow by monitoring the voltage drop across the resistive element. --- ### 1. Technical Specifications The part number typically breaks down into specific physical and electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 50 mΩ (0.050Ω) | The "R050" indicates the resistance in Ohms. | | **Power Rating** | 20 Watts | The maximum power it can dissipate (with proper heatsinking). | | **Tolerance** | ±1% (Typical for 'F' prefix) | The precision of the resistance value. | | **Package/Series** | FPV325 | A specialized package, often designed for surface mount or bolt-down. | | **Construction** | Metal Plate / Alloy | Designed for low inductance and high stability. | --- ### 2. Key Features * **Low Resistance:** At 50mΩ, it minimizes power loss ($P = I^2 \times R$) while providing a measurable voltage signal. * **High Power Dissipation:** 20W is significantly higher than standard chip resistors, requiring robust thermal management. * **Kelvin Connection (4-Terminal) Potential:** Many resistors in this class support 4-terminal sensing to eliminate the resistance of lead wires from the measurement. * **AEC-Q200 Compliance:** Often used in automotive or industrial grades for high reliability under vibration and temperature swings. --- ### 3. Common Applications This part is commonly found in power electronics where monitoring high current is essential: 1. **Battery Management Systems (BMS):** Measuring charge and discharge currents in EV batteries or large power banks. 2. **Motor Controllers:** Providing feedback loops for torque and speed control in BLDC motors. 3. **DC-DC Converters:** Monitoring output current to prevent overcurrent conditions. 4. **Inverters:** Used in solar power or UPS systems to manage AC/DC power conversion. --- ### 4. Implementation Example (Basic Calculation) If you are running **10 Amps** through this resistor, the voltage drop and power dissipation would be: ```python # Ohms Law: V = I * R # Power Law: P = I^2 * R current = 10 # Amps resistance = 0.050 # Ohms (50 mOhm) voltage_drop = current * resistance power_dissipated = (current ** 2) * resistance print(f"Voltage Drop: {voltage_drop}V (500mV)") print(f"Power Dissipated: {power_dissipated}W") ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for a 20W shunt resistor?
    • ⤷ How does a 4-terminal (Kelvin) connection improve measurement accuracy?
    • ⤷ What are the alternatives to shunt resistors for high-current sensing?