전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPV325-30-R050DM

  • AI
    The **FPV325-30-R050DM** is a high-performance, precision shunt resistor specifically designed for current sensing applications in power electronics. It is part of the FPV series, typically known for its "Four-Terminal" (Kelvin) configuration and low resistance values. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Model** | FPV325-30-R050DM | Part Number Breakdown | | **Resistance Value** | 50 mΩ (0.050 Ω) | Indicated by "R050" | | **Tolerance** | ±0.5% or ±1.0% | High precision for accurate measurement | | **Power Rating** | 3 - 5 Watts | Capability varies by heatsink/mounting | | **Technology** | Metal Foil / Shunt | Low noise and high stability | | **Mounting Style** | Surface Mount (SMD) | Optimized for PCB automated assembly | --- ### 2. Functional Breakdown of the Electronic Parts #### A. Four-Terminal (Kelvin) Design Unlike standard two-terminal resistors, this part utilizes four terminals. - **Two terminals** carry the high main current. - **Two terminals** act as sense leads for voltage measurement. This eliminates the resistance of the leads and solder joints from the measurement, ensuring that the voltage drop detected is strictly proportional to the current flowing through the resistive element. #### B. The Resistive Element The core is typically made of a **Manganin** or similar specialized metal alloy. These materials are chosen for: 1. **Low TCR (Temperature Coefficient of Resistance):** Ensuring the resistance doesn't change significantly as the part heats up. 2. **High Thermal Mass:** Allowing it to handle brief current surges without failing. #### C. Substrate and Encapsulation The component is housed in a molded or ceramic package that provides: - **Dielectric Isolation:** To prevent shorting to other board components. - **Thermal Management:** The underside is designed to wick heat away into the PCB copper planes. --- ### 3. Application Use Cases This component is commonly found in the following electronic circuits: 1. **Battery Management Systems (BMS):** To monitor charge and discharge cycles in Li-ion packs. 2. **DC-DC Converters:** For over-current protection and feedback loops. 3. **Motor Controllers:** Measuring phase current to ensure smooth torque delivery. 4. **Power Supplies:** Monitoring output load for precision regulation. --- ### 4. Part Number Decoding (Typical) | Segment | Meaning | | :--- | :--- | | **FPV** | Series Code (Four-terminal Precision Shunt) | | **325** | Physical size/package dimensions | | **30** | Power rating indicator (e.g., 3.0W) | | **R050** | Resistance Value (0.050 Ohms) | | **D/M** | Tolerance and Packaging markers |
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Kelvin connection' in current sensing?
    • ⤷ How does TCR affect the accuracy of the FPV325 at high temperatures?
    • ⤷ What are the recommended PCB layout practices for mounting 4-terminal shunt resistors?