전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPV325-30-R050WM

  • AI
    The **FPV325-30-R050WM** is a specialized precision sensing component, typically identified as a **Metal Foil Shunt Resistor** or a **Current Sense Resistor**. These components are critical in power management circuits for measuring current flow with high accuracy. --- ### Technical Specifications Below is a breakdown of the electronic characteristics typically associated with this part number: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Metal Foil Low-Ohmic Shunt Resistor | | **Resistance Value** | 50 mΩ (0.050Ω) | | **Tolerance** | Usually ±1% or ±0.5% (indicated by suffix) | | **Power Rating** | 0.5 Watts to 1.0 Watts (Package dependent) | | **Temperature Coefficient** | Low TCR (typically < 50 ppm/°C) | | **Package Style** | Surface Mount (SMD), often 1206 or 2512 equivalent | --- ### Key Electronic Functions 1. **Current Sensing (Ohm’s Law):** The part is placed in series with a load. As current ($I$) passes through the 50mΩ resistance ($R$), it creates a small voltage drop ($V$). By measuring this voltage ($V = I \times R$), a microcontroller or power IC can calculate the exact current. 2. **Heat Dissipation:** Because it acts as a shunt, it must handle power dissipation ($P = I^2R$). The "FPV" series is designed with metal foil technology to remain stable even as it heats up. 3. **Inrush Current Protection:** These resistors are often robust enough to handle short bursts of high current without shifting their resistance value permanently. ### Common Applications * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. * **DC-DC Converters:** Providing feedback loops for current-mode PWM controllers. * **Motor Control:** Detecting stall conditions or controlling torque in small robotics. * **LED Drivers:** Ensuring constant current is delivered to high-power LEDs. --- ### Comparison: Metal Foil vs. Thick Film | Feature | Metal Foil (FPV Series) | Standard Thick Film | | :--- | :--- | :--- | | **Accuracy** | High | Medium/Low | | **Stability** | Excellent over time | May drift with heat | | **Noise** | Extremely Low | Moderate | ---
    ✨ Follow-up Questions
    • ⤷What is the specific tolerance rating for the R050WM variant?
    • ⤷ How does the temperature coefficient affect current readings in this resistor?
    • ⤷ What are the recommended PCB landing patterns for FPV series resistors?