전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FPV325-50-R050FS

  • AI
    The part number **FPV325-50-R050FS** typically refers to a high-precision **Current Sense Resistor**, often utilized in power management, battery monitoring, and motor control circuits. --- ### 1. Component Identification This component belongs to a class of surface-mount devices (SMD) designed for low-resistance sensing. It is engineered to handle high currents while maintaining a very low voltage drop, allowing a microcontroller or analog-to-digital converter (ADC) to measure current flow through Ohm's Law ($V = I \times R$). ### 2. Technical Specifications Breakdown While specific manufacturer prefixes can vary (often associated with brands like Isabellenhütte or specialized precision resistor firms), the nomenclature generally follows this logic: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series/Type** | FPV / 325 | Metal foil or alloy plate technology, often in a 2512 or similar large footprint. | | **Power Rating** | 50 (5.0W) | Capable of dissipating up to 5 Watts of power (with proper heatsinking). | | **Resistance Value** | R050 | **50 mΩ (0.050 Ohms)**. | | **Tolerance** | F | **± 1%** precision. | | **Temperature Coeff.**| S | Usually indicates a low TCR (e.g., <50 ppm/K) for stability across heat ranges. | --- ### 3. Key Electronic Characteristics * **Four-Terminal (Kelvin) Connection:** Many parts in this series use a 4-terminal design. Two terminals carry the high current, while two separate "sense" terminals measure the voltage. This eliminates errors caused by the resistance of the solder joints and lead wires. * **AEC-Q200 Compliance:** These parts are frequently automotive-grade, meaning they can withstand high vibration and extreme thermal cycling. * **Low Inductance:** Due to the flat metal plate construction, the parasitic inductance is negligible, making it suitable for high-frequency switching power supplies. --- ### 4. Typical Applications 1. **Battery Management Systems (BMS):** Measuring charge/discharge cycles in Li-ion packs. 2. **Electronic Power Steering (EPS):** Monitoring motor torque through current feedback. 3. **DC-DC Converters:** Providing overcurrent protection and feedback loops. 4. **Industrial Inverters:** Controlling high-power motor drives. --- ### 5. Calculation Example If you are using this **50 mΩ** resistor and measure a voltage drop of **100mV** across the sense pins: ```python # Ohms Law: I = V / R voltage_drop = 0.100 # 100 mV resistance = 0.050 # 50 mOhms current = voltage_drop / resistance print(f"Measured Current: {current} Amperes") # Output: 2.0 Amperes ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of a 4-terminal Kelvin connection over a 2-terminal resistor?
    • ⤷ How do I calculate the maximum current this resistor can handle based on its 5W rating?
    • ⤷ Which manufacturers produce equivalents to the FPV325 series?