FR02FR16P-R
AI

The **FR02FR16P-R** is a specific electronic component produced by **NKK Switches**. It belongs to the FR02 series, which consists of ultra-thin, 10mm square DIP (Dual In-line Package) rotary switches.
Below is a detailed breakdown of its electronic specifications and features.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | NKK Switches |
| **Part Series** | FR02 Series |
| **Number of Positions** | 16 Positions |
| **Output Code** | Hexadecimal |
| **Actuator Type** | Arrowhead (Rotary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Contact Rating** | 100mA @ 5V DC (Non-switching); 100mA @ 5V DC (Switching) |
| **Operating Temperature** | -25°C to +85°C |
---
### 2. Functional Description
The FR02FR16P-R is a **Rotary Coded DIP Switch**. Unlike a standard toggle switch, this device translates the physical position of the rotary dial into a specific binary-coded output.
* **16 Positions:** Since it is hexadecimal, it covers positions 0 through 9 and letters A through F.
* **Hexadecimal Coding:** The switch has 4 output pins (plus a common pin). As you turn the dial, the internal contacts close in specific patterns to represent binary values (0000 to 1111).
* **Low Profile:** The "FR02" designation indicates an ultra-thin design, making it ideal for high-density PCBs where vertical space is limited.
---
### 3. Physical & Material Features
* **Terminal Type:** Gull-wing leads for surface mounting.
* **Heat Resistance:** Constructed using high-temperature silicate glass-filled polyamide, allowing it to withstand infrared reflow soldering.
* **Contact Reliability:** Features gold-plated contacts to prevent oxidation and ensure logic-level reliability over its lifespan (typically 10,000 steps).
* **Actuator:** The "Arrowhead" style allows for easy adjustment using a small flat-head screwdriver.
---
### 4. Common Applications
These parts are typically used for "set and forget" configurations on circuit boards:
1. **Address Setting:** Setting the unique ID for a device on a bus (like RS-485 or CAN bus).
2. **Mode Selection:** Choosing between different firmware operating modes.
3. **Configuration:** Adjusting hardware parameters without needing a digital interface or display.
- ⤷
What is the difference between Hexadecimal and Binary Coded Decimal (BCD) versions of this switch?
- ⤷ Can this switch be washed after soldering?
- ⤷ What is the recommended footprint for the SMT pads?