전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FR601

  • AI
    The **FR601** is a high-speed switching power diode, specifically classified as a **Fast Recovery Rectifier**. It is widely used in power supplies, inverters, and converters where high-frequency switching is required. --- ### 1. Key Technical Specifications The "601" in the part number indicates its current and voltage ratings. Below are the primary electrical characteristics: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 50 V | | **Maximum RMS Voltage** | $V_{RMS}$ | 35 V | | **Maximum Average Forward Rectified Current** | $I_{F(AV)}$ | 6.0 A | | **Peak Forward Surge Current** (8.3ms half sine-wave) | $I_{FSM}$ | 200 A | | **Maximum Reverse Recovery Time** | $t_{rr}$ | 150 ns | | **Forward Voltage Drop** (at 6.0A) | $V_F$ | 1.3 V | | **Operating Temperature Range** | $T_J$ | -65 to +150 °C | --- ### 2. Physical Characteristics (Package) The FR601 typically uses the **R-6 (or axial leaded)** plastic package. It is significantly larger than standard 1A diodes (like the 1N4001) to handle the higher current and heat dissipation. * **Case:** Void-free molded plastic. * **Terminals:** Plated axial leads, solderable. * **Polarity:** Color band denotes the **Cathode** (negative) end. --- ### 3. Core Features and Functionality 1. **Fast Recovery Time ($t_{rr}$):** Unlike standard rectifiers (like the 1N5400 series), the FR601 can switch from a conducting state to a blocking state very quickly (150 nanoseconds). This reduces power loss during high-frequency switching. 2. **High Current Capability:** It can handle a continuous load of 6 Amperes, making it suitable for medium-power applications. 3. **Low Forward Voltage Drop:** This helps in maintaining energy efficiency and reducing heat generation. --- ### 4. Common Applications Due to its high speed and current rating, the FR601 is found in: * **Switching Power Supplies (SMPS):** Rectifying high-frequency AC into DC. * **DC-DC Converters:** Used as a freewheeling diode to prevent voltage spikes. * **Inverters:** For solar or battery-to-AC conversion. * **Battery Chargers:** Efficient rectification for fast-charging circuits. --- ### 5. Part Family Comparison The FR60x series varies only by their **Maximum Peak Reverse Voltage ($V_{RRM}$)**: | Part Number | Max Reverse Voltage ($V_{RRM}$) | | :--- | :--- | | **FR601** | **50 V** | | FR602 | 100 V | | FR604 | 400 V | | FR607 | 1000 V |
    ✨ Follow-up Questions
    • What is the difference between a standard rectifier and a fast recovery rectifier like the FR601?
    • Can I replace an FR601 with an FR607 in a circuit?
    • How do I calculate the heat dissipation requirements for an FR601 at 6A?