FRL155-R82-KBQ
AI

The **FRL155-R82-KBQ** is a specific electronic component, typically categorized as a **fixed inductor** (often an axial leaded or molded type). Below is a breakdown of its technical specifications and physical characteristics.
---
### 1. Part Number Deciphering
The part number follows a standard nomenclature used by manufacturers (often associated with brands like **FRL** or similar axial inductor series).
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **FRL155** | Series Model | Indicates the physical size and package type (Axial leaded). |
| **R82** | Inductance Value | **0.82 µH** (Microhenries). "R" acts as the decimal point. |
| **K** | Tolerance | **±10%** (Standard industrial tolerance). |
| **B** | Packaging/Forming | Usually denotes Bulk packaging or a specific lead forming. |
| **Q** | Qualification/Special | Often indicates Quality or Automotive grade (AEC-Q200) depending on the vendor. |
---
### 2. Technical Specifications
Based on the standard 0.82 µH axial inductor profile, here are the estimated performance parameters:
* **Inductance:** 0.82 µH
* **Tolerance:** ±10%
* **Core Material:** Ferrite (allows for high-frequency performance and low losses).
* **DC Resistance (DCR):** Low (typically < 0.2 Ohms), allowing for efficient current flow.
* **Rated Current (Idc):** Usually ranges between 500mA to 1.5A depending on the specific wire gauge used internally.
* **Operating Temperature:** Typically -40°C to +105°C.
---
### 3. Physical Construction
The "FRL155" series is generally an **Axial Leaded Inductor**.
* **Coating:** Encapsulated in an epoxy resin or molded plastic for environmental protection.
* **Color Coding:** Many versions use a four-band color code system (Grey, Red, Silver, Silver/Gold) to denote the 0.82 µH value and tolerance.
* **Size:** Small footprint, designed for Through-Hole Technology (THT) mounting on PCBs.
---
### 4. Applications
This component is used for filtering, decoupling, and energy storage in electronic circuits:
1. **Noise Suppression:** Used in power supplies to filter out high-frequency electromagnetic interference (EMI).
2. **Signal Conditioning:** Utilized in RF (Radio Frequency) circuits for tuning or impedance matching.
3. **Decoupling:** Placed near IC power pins to prevent noise from entering the chip.
- ⤷
What are the equivalent SMD alternatives for this axial inductor?
- ⤷ How do I read the color bands on an R82 inductor?
- ⤷ What is the maximum current rating for the FRL155 series?