전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRN-R-600

  • AI
    The **FRN-R-600** is a high-capacity industrial fuse manufactured by **Bussmann (Eaton)**. It belongs to the **Fusetron™** series and is designed for heavy-duty electrical protection. Below is a detailed breakdown of its specifications and electronic characteristics. --- ## 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Number** | FRN-R-600 | | **Current Rating** | 600 Amps | | **Voltage Rating** | 250 Volts AC (Commonly), up to 125 Volts DC | | **Interrupting Rating** | 200,000A RMS Symmetrical (AC) / 20,000A (DC) | | **Fuse Class** | Class RK5 | | **Fuse Type** | Dual-Element, Time-Delay | | **Body Material** | Fiber Tube with Brass End Caps (Blade type) | --- ## 2. Key Electronic Characteristics ### Dual-Element Design The "Dual-Element" feature means the fuse contains two distinct mechanisms to handle different types of electrical faults: 1. **Short-Circuit Element:** A fast-acting thermal link that blows instantly if a massive surge (short circuit) occurs. 2. **Overload Element:** A spring-loaded solder joint that handles moderate overcurrents. It allows for "Time-Delay." ### Time-Delay (Slow-Blow) The FRN-R-600 is specifically designed to ignore **inrush currents**. In industrial settings, large motors draw significantly more current when they first start than they do while running. * **Function:** It can hold an overload of 500% its rated current for at least 10 seconds. * **Benefit:** This prevents "nuisance blowing" during equipment startup. ### Current Limitation As a Class RK5 fuse, it is "Current Limiting." This means that in the event of a severe short circuit, the fuse reacts so quickly that it interrupts the current before the pulse can reach its full peak value, protecting downstream components from mechanical stress and heat. --- ## 3. Physical Dimensions (Blade Type) Because it is a 600A fuse, it is physically large compared to standard household or automotive fuses. * **Overall Length:** Approximately 10.38 inches (263.6 mm). * **Diameter:** Approximately 2.36 inches (60 mm). * **Mounting:** It features blade-style terminals designed to slide into heavy-duty fuse blocks or disconnect switches. --- ## 4. Typical Applications * **Large Motor Branch Circuits:** Used as primary protection for high-horsepower motors. * **Mains Disconnects:** Found in main service panels for industrial buildings. * **Transformers:** Protecting the primary or secondary side of 250V power transformers. * **Inductive Loads:** Any system with coils or solenoids that creates a surge upon activation. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an FRN-R (Class RK5) and an FRS-R (Class RK5) fuse?
    • ⤷ Can a 600A fuse be replaced with a lower amperage fuse in the same block?
    • ⤷ How do you test if a 600A FRN-R fuse has blown using a multimeter?