전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRS-1D-R

  • AI
    The **FRS-1D-R** typically refers to a specific model of a **Single-Pole Double-Throw (SPDT) Reed Relay**. These components are widely used in telecommunications, test equipment, and security systems due to their high reliability and fast switching speeds. ### 1. Key Technical Specifications The following table summarizes the general electrical characteristics associated with the FRS-1D-R series: | Characteristic | Specification (Typical) | | :--- | :--- | | **Contact Form** | 1 Form C (SPDT) | | **Coil Voltage Options** | 5V, 12V, or 24V DC | | **Switching Voltage** | Max 100V DC | | **Switching Current** | Max 0.25A to 0.5A | | **Carry Current** | Max 1.0A | | **Contact Resistance** | < 150 mΩ | | **Insulation Resistance** | > 10^9 Ω | --- ### 2. Internal Electronic Components The FRS-1D-R is an electromechanical device composed of several integrated parts: 1. **Reed Switch (The Core):** * Consists of two or three flexible metal reeds (usually nickel-iron alloy) hermetically sealed in a glass envelope filled with inert gas. * The "1D" designation usually implies a **Form C** configuration, meaning there is one Common (COM), one Normally Open (NO), and one Normally Closed (NC) contact. 2. **Electromagnetic Coil:** * A copper wire winding wrapped around the glass reed capsule. When current flows through this coil, it generates a magnetic field that moves the reeds to change the switch state. 3. **Damping/Protection (Optional "R" Suffix):** * In many naming conventions, the **-R** indicates the inclusion of an **Internal Diode** (Flyback Diode) connected across the coil. This protects the driving circuit from high-voltage spikes (back EMF) when the relay is turned off. 4. **Magnetic Shield (External):** * Often encased in a metal or plastic housing with an internal magnetic shield to prevent interference from nearby electronic components. --- ### 3. Pin Configuration and Operation The FRS-1D-R is typically packaged in a **DIP (Dual In-line Package)** or a small rectangular box format. * **Coil Pins:** Used to apply the control voltage to activate the relay. * **Common (COM):** The moving contact. * **Normally Closed (NC):** Connected to COM when the coil is **OFF**. * **Normally Open (NO):** Connected to COM when the coil is **ON**. --- ### 4. Advantages of this Component * **Hermetic Sealing:** Since the contacts are sealed in glass, they are immune to oxidation, dust, and moisture. * **Long Life:** Capable of millions of cycles because there is minimal mechanical wear. * **Isolation:** Provides excellent galvanic isolation between the low-power control circuit and the signal being switched. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Form C and a Form A reed relay?
    • ⤷ How do I choose the correct coil voltage for an FRS-1D-R relay?
    • ⤷ Does the FRS-1D-R require an external resistor for operation?