전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRS-1E-R

  • AI
    The **FRS-1E-R** is a specific type of **Flame Rod** or **Flame Sensor** commonly used in industrial burner systems and HVAC equipment. It functions as an electronic probe to detect the presence of a flame using the principle of **Flame Ionization**. --- ### 1. Key Electronic Components and Build The FRS-1E-R is an assembly of several critical parts designed to withstand high-temperature environments while maintaining electrical conductivity. | Component | Material/Description | Function | | :--- | :--- | :--- | | **Sensing Rod** | Kanthal or Stainless Steel | Conducts the ionization current from the flame back to the controller. | | **Insulator** | High-Alumina Ceramic | Prevents the electrical signal from shorting to the burner chassis (ground). | | **Connector** | Screw Terminal or Nut | Provides the attachment point for the high-voltage ignition/sensing wire. | | **Mounting Bushing** | Threaded Metal (usually R 1/8 or 1/4) | Secures the sensor to the burner housing and ensures a mechanical seal. | --- ### 2. Technical Specifications The "R" in the model number often indicates a specific orientation or a right-angle configuration, though this can vary by manufacturer (most notably **Azbil/Yamatake**). * **Maximum Temperature:** Typically rated up to 1300°C (at the rod tip). * **Insulation Resistance:** Usually >100MΩ at 500V DC. * **Voltage Rating:** Designed to work with flame amplifiers providing 100V to 300V AC. * **Rod Diameter:** Generally 3mm to 5mm depending on the specific series. --- ### 3. How the Electronics Work The FRS-1E-R operates on the **Flame Rectification Principle**: 1. **Ionization:** A high-voltage AC signal is applied to the flame rod by a Flame Safeguard Controller. 2. **Conductivity:** When a flame is present, the heat ionizes the air, making it conductive. 3. **Rectification:** Because the burner head (ground) is much larger than the flame rod (sensor), the flame acts as a diode. It allows more current to flow in one direction than the other. 4. **Signal Processing:** The resulting DC microamp ($\mu A$) signal is sent back to the controller. If the signal drops below a certain threshold (e.g., 1.5 $\mu A$), the system triggers a safety shutdown. --- ### 4. Maintenance and Troubleshooting Because it is an electronic sensor exposed to fire, it is prone to specific failure modes: * **Soot Carbonization:** Carbon buildup on the ceramic insulator creates a "leakage path," causing a false flame signal or a short circuit. * **Oxidation:** Excessive oxidation on the metal rod can increase electrical resistance, weakening the flame signal. * **Cracked Ceramic:** Thermal shock can crack the insulator, leading to electrical arcing to the ground. ---
    ✨ Follow-up Questions
    • ⤷What are the common microamp readings for a healthy FRS-1E-R sensor?
    • ⤷ How do you clean the sensing rod without damaging the electronic properties?
    • ⤷ What is the difference between the FRS-1E-R and the standard FRS-1E model?