전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRS-50-R

  • AI
    The **FRS-50-R** is a specific model of a **Dual-Element, Time-Delay Fusetron Cartridge Fuse**, typically manufactured by Eaton (Bussmann Series). It is widely used in industrial and commercial electrical systems to protect circuits from overcurrent and short circuits. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Amperage Rating** | 50 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupt Rating** | 200,000 Amps RMS Symmetrical (AC) | | **Fuse Class** | Class RK5 | | **Response Time** | Time-Delay (minimum 10 seconds at 500% load) | | **Material** | Fiberglass tube with brass/bronze end caps | --- ### 2. Electronic Composition & Functionality The FRS-50-R is classified as a "dual-element" fuse, meaning its internal construction consists of two distinct components designed to handle different types of electrical faults: #### A. Thermal Cutout (Time-Delay Element) * **Purpose:** Handles temporary surges, such as motor start-up currents. * **Mechanism:** It uses a spring-loaded S-link held by a specific solder alloy. If a sustained overload occurs (e.g., 125% of the rating), the heat melts the solder, and the spring pulls the contact open. This prevents "nuisance blowing" during normal startup spikes. #### B. Instantaneous Element (Short-Circuit Element) * **Purpose:** Protects against catastrophic failures. * **Mechanism:** This consists of a notched copper link. During a high-magnitude short circuit, the link vaporizes almost instantly (in less than 0.01 seconds) to disconnect the circuit before damage occurs to the wiring or machinery. --- ### 3. Key Benefits and Applications * **Motor Protection:** Because of its time-delay nature, it allows motors to draw high current during startup without blowing the fuse, while still protecting the motor from burning out during a prolonged overload. * **Current Limitation:** It is "current-limiting," meaning it significantly reduces the peak energy let-through during a short circuit, protecting downstream components. * **Rejection Feature:** The "R" in the model name indicates a "Rejection" tip. This prevents the installation of lower-rated or non-current-limiting fuses into the same fuse holder, ensuring safety standards are maintained. --- ### 4. Visual Identification The FRS-50-R is typically **green** in color (standard for Bussmann Fusetron 600V series) and has a cylindrical body with blade-style or ferrule-style terminals depending on the specific mounting clip used.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Class RK5 and a Class RK1 fuse?
    • ⤷ Can I use an FRS-50-R in a 250V circuit?
    • ⤷ How do I test if an FRS-50-R fuse is blown using a multimeter?