FRS-60-R
AI

### FRS-60-R Electronic Component Overview
The **FRS-60-R** is a high-performance, **Dual-Element Time-Delay Class RK5 Fuse**. It belongs to the Fusetron™ series manufactured by Eaton (Bussmann Division). This component is designed for circuit protection against overcurrent and short-circuit events.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 60 Amperes |
| **Voltage Rating (AC)** | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc |
| **Interrupting Rating (AC)** | 200,000 Amps RMS Symmetrical |
| **Interrupting Rating (DC)** | 20,000 Amps |
| **Fuse Class** | Class RK5 |
| **Type** | Dual-Element, Time-Delay |
| **Construction** | Fiberglass tube with brass end caps |
---
### Key Electronic Features
#### 1. Dual-Element Design
Unlike standard single-element fuses, the FRS-60-R contains two distinct components:
* **Thermal Element:** Handles low-level overloads. It provides a "time-delay" which allows temporary surges (like motor startups) to pass without blowing the fuse.
* **Instantaneous Element:** A notched copper link that reacts immediately to heavy short-circuit currents to prevent catastrophic equipment damage.
#### 2. Time-Delay Characteristics
This fuse is engineered to hold **500% of its rated current for a minimum of 10 seconds**. This is critical for inductive loads (motors and transformers) that require a high "inrush" current to start.
#### 3. Current Limitation
Although it is a Class RK5 fuse, it provides significant current limitation. In the event of a massive short circuit, the fuse acts fast enough to prevent the peak current from reaching its maximum potential, protecting downstream components.
---
### Applications
The FRS-60-R is primarily used in the following electronic and electrical environments:
* **Motor Control Centers:** Specifically for motor branch circuit protection.
* **Transformers:** Protecting against primary overcurrent while tolerating magnetizing inrush.
* **General Purpose Circuits:** Used in mains switches and distribution panels where high interrupting capacity is required.
---
### Wiring & Physical Compatibility
The "R" suffix indicates that this fuse is compatible with **Rejection-type fuse clips**. This prevents the accidental installation of a lower-rated fuse (like a Class H) into a circuit that requires the high interrupting capacity of a Class RK5.
- ⤷
What is the difference between Class RK5 and Class RK1 fuses?
- ⤷ Can the FRS-60-R be used in DC solar power applications?
- ⤷ How do I test if an FRS-60-R fuse has blown using a multimeter?