전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRS-R-1/2

  • AI
    ## FRS-R-1/2: Technical Overview The **FRS-R-1/2** is a specific model of high-performance industrial fuse. It belongs to the **Fusetron™** series, manufactured primarily by **Eaton (Bussmann Division)**. ### 1. General Specifications The "1/2" in the part number indicates its amperage rating (0.5 Amps). Below are the core technical specifications: | Feature | Specification | | :--- | :--- | | **Model** | FRS-R-1/2 | | **Amperage Rating** | 0.5 Amps (1/2 A) | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical | | **Fuse Class** | Class RK5 | | **Type** | Dual-Element, Time-Delay | --- ### 2. Key Electronic Characteristics #### A. Dual-Element Design Unlike standard "fast-acting" fuses, the FRS-R-1/2 features a **dual-element** construction. * **Thermal Element:** Handles low-level overloads (longer duration). * **Magnetic/Instantaneous Element:** Handles high-level short circuits (immediate action). #### B. Time-Delay Functionality This fuse is designed with a specific "time-delay" characteristic. It can withstand temporary surges or inrush currents—common in motor starting or transformer primary circuits—without "nuisance tripping." It will only blow if the overcurrent persists longer than a safe threshold. #### C. Current Limitation As a Class RK5 fuse, it provides a high degree of current limitation. In the event of a catastrophic short circuit, the fuse reacts fast enough to prevent the peak current from reaching its full potential, protecting downstream sensitive electronics. --- ### 3. Physical Construction * **Body Material:** Typically fiberglass or high-grade ceramic to withstand high temperatures and internal pressure. * **End Caps:** Ferrule-style caps (usually made of brass or bronze with tin plating) for secure electrical contact. * **Rejection Feature:** The "R" in FRS-R signifies a rejection groove. This ensures the fuse can only be used in a Class R fuse holder, preventing someone from accidentally replacing it with a lower-rated fuse (like a Class H). --- ### 4. Common Applications Due to its low amperage and high voltage rating, it is frequently used in: 1. **Control Transformers:** Protecting the primary side of small industrial transformers. 2. **Solenoids:** Protection against coil burnout. 3. **Motor Control Circuits:** Providing branch circuit protection where low-current motors are utilized. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Class RK1 and a Class RK5 fuse like the FRS-R-1/2?
    • ⤷ How do I calculate if 0.5 Amps is sufficient for my motor control circuit?
    • ⤷ Can the FRS-R-1/2 be used in a 250V system safely?