FRS-R-200
AI

### FRS-R-200: Fusetron Dual-Element Time-Delay Class RK5 Fuse
The **FRS-R-200** is a heavy-duty, industrial-grade fuse manufactured primarily by **Eaton (Bussmann Series)**. It is designed to provide overcurrent protection for electrical circuits, specifically tailored to handle the high inrush currents typical of motor starts.
---
### Technical Specifications
| Feature | Specification |
|:---|:---|
| **Fuse Class** | Class RK5 |
| **Current Rating** | 200 Amperes |
| **Voltage Rating (AC)** | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc |
| **Interrupting Rating** | 200,000A (RMS Symmetrical) |
| **Element Type** | Dual-Element (Time-Delay) |
| **Body Material** | Fiberglass Tube |
| **Mounting Style** | Blade / Cartridge |
---
### Key Internal Components & Design
#### 1. Dual-Element Construction
Unlike a standard fast-acting fuse, the FRS-R-200 contains two distinct internal mechanisms:
* **Thermal Element:** Handles low-level overloads. It utilizes a spring-loaded mechanism that melts at a specific temperature, providing a "time-delay" to allow temporary surges (like motor startups) without blowing.
* **Magnetic/Short-Circuit Element:** Handles high-level short circuits. It consists of a copper or silver link that reacts instantly to massive current spikes to protect the system.
#### 2. Arc Quenching Material
The interior of the fiberglass tube is typically filled with **high-purity silica sand**. During a high-fault event, the sand melts into glass, which helps extinguish the electrical arc and prevents the fuse body from rupturing.
#### 3. Rejection Feature (The "R" in FRS-R)
The "R" indicates a **Rejection** capability. The physical dimensions of the fuse blades are designed to fit into Class R fuse clips. These clips have a rejection pin that prevents lower-rated fuses (like Class H or K) from being installed in a Class R slot, ensuring the safety level of the circuit is maintained.
---
### Primary Applications
* **Motor Branch Circuits:** Its time-delay feature allows motors to draw 5–6 times their normal current during startup without tripping the fuse.
* **Transfomer Protection:** Protects against secondary short circuits while ignoring primary inrush current.
* **Main Service Disconnects:** Used in industrial panels to provide a high interrupting rating for safety against large grid faults.
---
### Comparison: FRS-R vs. FRN-R
| Model | Voltage Rating | Typical Use Case |
|:---|:---|:---|
| **FRS-R-200** | 600 Vac | High voltage industrial power systems |
| **FRN-R-200** | 250 Vac | Lower voltage commercial/residential systems |
- ⤷
What is the difference between a Class RK1 and a Class RK5 fuse?
- ⤷ Can an FRS-R-200 fuse be used in a DC circuit safely?
- ⤷ How do I test if an FRS-R-200 fuse is blown using a multimeter?