AI

## FRS-R-210 Fusetron™ Class RK5 Fuse
The **FRS-R-210** is a heavy-duty, dual-element, time-delay fuse manufactured by Eaton (Bussmann Series). It is designed to provide high-level protection for industrial electrical circuits, particularly those involving high motor loads.
### 1. Technical Specifications
The following table outlines the core electrical characteristics of the FRS-R-210:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Eaton (Bussmann Series) |
| **Amperage Rating** | 210 Amps |
| **Voltage Rating (AC)** | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc |
| **Interrupting Rating (AC)** | 200,000 Amps RMS Symmetrical |
| **Interrupting Rating (DC)** | 20,000 Amps |
| **Class** | RK5 |
| **Design Type** | Dual-element, Time-delay |
---
### 2. Key Features and Functions
* **Dual-Element Design:** Unlike standard fuses, this part contains two separate components. One handles short-circuit protection (instantaneous), while the other manages thermal overloads (time-delayed).
* **Time-Delay (Slow-Blow):** It is engineered to ignore temporary current surges, such as when a large industrial motor starts up. This prevents "nuisance tripping" while still protecting the circuit from sustained overloads.
* **Current Limiting:** The RK5 classification means it is highly effective at limiting the let-through energy during a short-circuit event, protecting downstream components from physical damage.
* **Rejection Feature:** The "R" in FRS-R signifies a rejection feature. This prevents a lower-rated fuse (like a Class K) from being installed in a Class R fuse clip, ensuring the safety integrity of the system.
---
### 3. Common Applications
The FRS-R-210 is typically found in industrial and commercial environments, specifically:
1. **Motor Branch Circuits:** Its time-delay property allows motors to draw high starting current without blowing the fuse.
2. **Transformer Protection:** It handles the initial "inrush" current of transformers.
3. **Main Feeders:** Used in large electrical panels to provide high-capacity overcurrent protection.
4. **Inductive Loads:** Any circuit with high inductance where current spikes are expected during switching.
---
### 4. Dimensional Data
* **Diameter:** 2.36 inches (approx. 60mm)
* **Length:** 11.63 inches (approx. 295mm)
* **Mounting:** Blade-style terminals (Knife-blade)
---
- ⤷What is the difference between Class RK1 and Class RK5 fuses?
- ⤷ What type of fuse block is required for the FRS-R-210?
- ⤷ How do I calculate if 210 Amps is sufficient for my motor load?