전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRS-R-225

  • AI
    ## Technical Overview: FRS-R-225 Fuse The **FRS-R-225** is a high-capacity, industrial-grade cartridge fuse belonging to the **Fusetron™** series, manufactured by Eaton (Bussmann Division). It is a dual-element, time-delay fuse designed to provide high-level protection for electrical circuits and motors. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Eaton (Bussmann Series) | | **Part Number** | FRS-R-225 | | **Ampere Rating** | 225 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating** | 200,000A RMS Symmetrical (AC) / 20,000A (DC) | | **Class** | Class RK5 | | **Element Type** | Dual-Element (Time-Delay) | | **Material** | Fiberglass tube with brass/alloy end caps | --- ### 2. Physical Design and Components The FRS-R-225 is a **Blade-Type** cartridge fuse. Its physical construction is designed for durability and heat dissipation: * **Dual-Element Construction:** Unlike standard fuses, this contains two distinct components in series. * **Thermal Cutout:** Handles long-term overloads (e.g., a motor slightly exceeding its current). * **Short-Circuit Element:** A fast-acting link that melts instantly during high-magnitude faults (short circuits). * **Rejection Feature:** The "R" in FRS-R signifies a rejection feature. The blades have a specific physical notch that prevents the installation of lower-rated fuses (like Class H or K) into a Class R fuse block, ensuring the safety integrity of the system is maintained. * **Fiberglass Body:** Provides high insulation and structural strength to withstand internal pressure during a high-current blow. --- ### 3. Core Functions and Applications #### A. Time-Delay Mechanism The primary electronic advantage of the FRS-R-225 is its **Time-Delay** capability. It can withstand temporary current surges (such as motor starting inrush currents) without blowing. Typically, it will hold a current of 500% its rating for a minimum of 10 seconds. #### B. Motor Protection Because of its dual-element design, it is frequently used to protect motors. It provides: 1. **Overload Protection:** Protects against motor burnout from excessive heat. 2. **Short-Circuit Protection:** Instantaneous response to electrical shorts. #### C. Common Use Cases * Motor control centers. * Large HVAC units. * Industrial switchboards. * Main power feeds for commercial machinery. --- ### 4. Comparison: Class RK5 vs. RK1 | Feature | Class RK5 (FRS-R) | Class RK1 (LPS-RK) | | :--- | :--- | :--- | | **Current Limiting** | Moderate | High | | **Application** | General Purpose / Motors | Sensitive Electronics / High Fault Areas | | **Cost** | More Economical | More Expensive |
    ✨ Follow-up Questions
    • ⤷ What is the physical difference between a Class RK5 and a Class H fuse?
    • ⤷ How do I calculate if 225 Amps is sufficient for my specific motor load?
    • ⤷ Can the FRS-R-225 be used in a DC solar power application?