FRS-R-25
AI

## Technical Overview: FRS-R-25 Fuses
The **FRS-R-25** is a high-performance industrial fuse manufactured by **Eaton (Bussmann Series)**. It belongs to the **Fusetron™** family and is categorized under **UL Class RK5**. It is a dual-element, time-delay fuse designed to handle high inrush currents without nuisance tripping.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 25 Amperes |
| **Voltage Rating (AC)** | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc |
| **Interrupting Rating (AC)** | 200,000 Amps RMS Symmetrical |
| **Interrupting Rating (DC)** | 20,000 Amps |
| **Fuse Class** | Class RK5 |
| **Fuse Type** | Dual-Element, Time-Delay |
---
### 2. Physical Characteristics
The "R" in FRS-R denotes the **rejection feature**. This physical design ensures that the fuse can only be inserted into a Class R fuse holder, preventing the accidental installation of a fuse with a lower interrupting rating (like Class H or K).
* **Construction:** Cylindrical cartridge with grooved end caps for rejection.
* **Size:** Generally 5 inches in length and 0.81 inches in diameter.
---
### 3. Core Electronic Functionality
The FRS-R-25 utilizes a **Dual-Element** design, which provides two distinct types of protection:
1. **Short-Circuit Protection:** A high-speed thermal-magnetic element responds instantly to massive current surges (short circuits).
2. **Overload Protection:** A spring-loaded thermal element handles temporary overloads. This allows the fuse to "ignore" the momentary high-current draw when a motor starts up, provided the current returns to normal levels quickly.
### 4. Common Applications
* **Motor Protection:** Ideally suited for AC motor circuits where high startup torque creates temporary current spikes.
* **Branch Circuits:** Used in industrial panels to protect wiring from overheating.
* **General Purpose:** Suitable for mains, feeders, and transformers.
---
### 5. Selection Guide (Standard Cross-References)
If you are looking for an equivalent part from another manufacturer, these are the industry standards:
| Manufacturer | Part Number |
| :--- | :--- |
| **Littelfuse** | FLSR025 |
| **Mersen (Ferraz Shawmut)** | TRS25R |
---
- ⤷What is the difference between Class RK1 and Class RK5 fuses?
- ⤷ How does the time-delay feature affect motor starting calculations?
- ⤷ Can I use a 250V rated fuse in place of the FRS-R-25?