전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRS-R-40

  • AI
    ### FRS-R-40: Technical Overview The **FRS-R-40** is a specific model of industrial-grade cartridge fuse belonging to the **Fusetron™** series, manufactured primarily by Eaton (Bussmann Division). It is classified as a dual-element, time-delay fuse designed for high-performance circuit protection. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Number** | FRS-R-40 | | **Amperage Rating** | 40 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating** | 200,000A RMS Symmetrical (AC) / 20,000A (DC) | | **Fuse Class** | Class RK5 | | **Dimensions** | 1.06" Diameter x 5.88" Length | | **Construction** | Fiberglass tube with brass end caps | --- ### 2. Core Functional Components The "Dual-Element" design of the FRS-R-40 consists of two distinct parts working in series: 1. **Thermal Element (Time-Delay):** * Designed to handle temporary surges, such as motor starting currents. * It will not blow if the current exceeds 40A for a short duration (typically up to 10 seconds at 500% of the rating), preventing "nuisance tripping." 2. **Short-Circuit Element (Magnetic/Fast-Acting):** * Designed to react almost instantaneously to catastrophic faults or short circuits. * This part clears high-magnitude currents quickly to protect wiring and equipment from explosive energy releases. --- ### 3. Application and Usage The FRS-R-40 is typically used in industrial and commercial electrical systems where motors and transformers are present. * **Motor Protection:** Provides excellent protection for motor circuits, allowing for the high inrush current needed to start the motor while still protecting against sustained overloads. * **Rejection Feature:** The "R" in the model name signifies it is a **Rejection-type** fuse. It has a specific physical notch in the end cap that prevents it from being replaced by a lower-rated fuse (like a Class H fuse) in a Class R fuse block. * **Coordination:** Because of its high interrupting rating (200kA), it is often used as a "Current Limiting" device to reduce the potential damage during a short circuit. --- ### 4. Comparison: FRS-R vs. FRN-R It is important to distinguish the FRS-R series from its sibling, the FRN-R series: * **FRS-R-40:** Rated for **600V** (Higher voltage, longer physical body). * **FRN-R-40:** Rated for **250V** (Lower voltage, shorter physical body).
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK1 and an RK5 fuse like the FRS-R-40?
    • ⤷ Can an FRS-R-40 be used in a DC circuit application?
    • ⤷ What type of fuse holder or block is required for a Class RK5 rejection fuse?