전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRS-R-400

  • AI
    ## FRS-R-400 Fuse Overview The **FRS-R-400** is a heavy-duty, current-limiting time-delay fuse belonging to the **Fusetron™** series manufactured by Eaton (Bussmann Division). It is specifically designed for industrial and commercial electrical systems to protect circuits from overcurrent and short-circuit damage. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Series** | Fusetron™ FRS-R | | **Amperage Rating** | 400 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating (AC)** | 200,000 Amps RMS Symmetrical | | **Interrupting Rating (DC)** | 20,000 Amps | | **Class** | RK5 | | **Fuse Type** | Time-Delay / Dual-Element | --- ### 2. Key Internal Components & Design The FRS-R-400 is a **Dual-Element** fuse, meaning it contains two distinct components designed to handle different types of electrical faults: 1. **Thermal Cutout (Time-Delay Element):** * This part handles low-level overloads. * It consists of a spring-loaded mechanism held by a calibrated solder joint. If the current exceeds 400A slightly for a prolonged period, the heat melts the solder, and the spring pulls the circuit open. * **Benefit:** Prevents "nuisance blowing" caused by temporary motor start-up surges. 2. **Instantaneous Element (Short-Circuit Protection):** * This consists of a notched copper link surrounded by granular silica sand (arc-quenching material). * In the event of a high-magnitude short circuit, the links melt instantly. * **Benefit:** Provides extremely fast response to protect downstream equipment from catastrophic failure. 3. **The Rejection Feature (R-Rating):** * The "R" in FRS-R signifies a physical rejection feature. The fuse has a specific groove in one of the end caps. * This ensures it can only be installed in Class R fuse holders, preventing someone from accidentally replacing it with a lower-rated or non-current-limiting fuse. --- ### 3. Common Applications * **Motor Protection:** Ideal for motors with high inrush currents, as the time-delay feature allows the motor to start without blowing the fuse. * **Main Feeders:** Used in large electrical distribution panels. * **Branch Circuits:** Protection for heavy industrial machinery. * **Transformer Protection:** Safeguards the primary and secondary sides of power transformers. --- ### 4. Summary of Benefits * **Current Limiting:** Reduces the "let-through" energy during a short circuit, protecting delicate electronic components. * **Dual-Element Versatility:** Provides a "2-in-1" protection scheme for both long-term thermal overloads and immediate magnetic shorts. * **High Interrupting Capacity:** Can safely shut down massive electrical faults up to 200kA.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Class RK5 and a Class RK1 fuse?
    • ⤷ Can the FRS-R-400 be used in 250V systems?
    • ⤷ How do I test if an FRS-R-400 fuse is blown using a multimeter?