전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRS-R-45

  • AI
    ### Overview of the FRS-R-45 The **FRS-R-45** is a high-performance, industrial-grade fuse belonging to the **Fusetron™** series manufactured by Eaton (Bussmann Division). It is a Class RK5 current-limiting, dual-element, time-delay fuse. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Current Rating** | 45 Amperes | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupt Rating (AC)** | 200,000 Amps RMS Symmetrical | | **Interrupt Rating (DC)** | 20,000 Amps | | **Class** | RK5 | | **Fuse Type** | Dual-Element, Time-Delay | --- ### Key Electronic Components and Design The FRS-R-45 is engineered with a **dual-element** design, which allows it to handle different types of electrical faults differently: 1. **Thermal Element (Overload Protection):** * Designed to handle temporary surges (like motor startups). * It provides a "time-delay," meaning it won't blow immediately if the current slightly exceeds 45A for a short duration. 2. **Instantaneous Element (Short-Circuit Protection):** * Contains a notched copper link designed to air-gap instantly if a high-magnitude short circuit occurs. * This protects downstream sensitive electronics from catastrophic failure. 3. **Current Limiting Features:** * By being "Current Limiting," the fuse forces the current to zero much faster than a standard breaker would, significantly reducing the "let-through" energy ($I^2t$) that could damage equipment. --- ### Common Applications * **Motor Circuits:** Because of the time-delay feature, it can handle the high inrush current of a motor without nuisance blowing. * **Transformers:** Protects against primary side surges. * **Panelboards:** Used as a branch circuit protector in industrial power distribution. * **Inductive Loads:** Ideal for solenoids and high-inductance circuits. --- ### Comparison: FRS-R vs. FRN-R While they look similar, the primary difference is the voltage rating: * **FRS-R:** Rated for up to **600V**. * **FRN-R:** Rated for up to **250V**. * *Note: An FRS-R fuse can replace an FRN-R fuse, but an FRN-R cannot replace an FRS-R in a 480V/600V system.*
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK1 and an RK5 fuse like the FRS-R-45?
    • ⤷ How do I calculate the correct fuse sizing for a 45 amp motor load?
    • ⤷ Can the FRS-R-45 be used in DC solar power applications?