전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRS-R-5

  • AI
    ## FRS-R-5: Technical Overview and Specifications The **FRS-R-5** is a high-performance, industrial-grade fuse belonging to the **Fusetron™** series manufactured by Bussmann (Eaton). It is a Class RK5 current-limiting, dual-element, time-delay fuse. ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Model Number** | FRS-R-5 | | **Amperage Rating** | 5 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating** | 200,000A RMS Symmetrical (AC) / 20,000A (DC) | | **Fuse Class** | Class RK5 | | **Element Type** | Dual-Element (Time-Delay) | | **Material** | Fiberglass tube with brass end caps | --- ### 2. Functional Characteristics #### A. Dual-Element Design The FRS-R-5 features two distinct components: 1. **Thermal Element:** Handles low-level overloads. It provides a "time-delay," allowing temporary surges (like motor startups) to pass without blowing the fuse. 2. **Magnetic Element:** Handles short-circuits. It reacts almost instantaneously to high-level faults to protect downstream components. #### B. Current Limitation As a Class RK5 fuse, the FRS-R-5 is **current-limiting**. This means it can interrupt a fault current before it reaches its full peak value, significantly reducing the destructive "let-through" energy that could damage sensitive electronic equipment. #### C. Time-Delay Feature It is designed to hold 500% of its rated current (25 Amps) for a minimum of **10 seconds**. This is critical for circuits with inductive loads that experience high inrush currents. --- ### 3. Applications and Usage The FRS-R-5 is typically used in the following environments: * **Motor Protection:** Providing branch circuit protection where motor startup currents would trip a standard "fast-acting" fuse. * **Transformer Protection:** Shielding the primary side of control power transformers. * **General Purpose Circuits:** Used in industrial panels for 480V or 600V systems where high interrupting capacity is required. * **Rejection Feature:** The "R" in FRS-R signifies a rejection groove in the ferrule, ensuring it can only be replaced by another Class R fuse, preventing someone from accidentally installing a lower-rated fuse. --- ### 4. Comparison with Similar Fuses | Fuse Type | Characteristic | Suitability for Motors | | :--- | :--- | :--- | | **FRS-R-5 (RK5)** | Time-Delay | **Excellent** | | **KTS-R-5 (Class K1)** | Fast-Acting | Poor (will blow on startup) | | **LPS-RK-5 (Class RK1)** | Superior Current Limiting | Excellent (Lower let-through energy) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between Class RK1 and Class RK5 fuses in terms of protection levels?
    • ⤷ How do I determine if my motor requires a time-delay fuse versus a fast-acting one?
    • ⤷ Can an FRS-R-5 fuse be used in a 240V circuit even if it is rated for 600V?