전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRT-66-R

  • AI
    The **FRT-66-R** refers to a specific model of a **Full-Range High-Speed Tower**, typically utilized in high-performance CNC (Computer Numerical Control) machining centers. These parts are critical for the tool-changing mechanism and spindle rotation. --- ## 1. Core Electronic & Electromechanical Components The electronics within an FRT-66-R are designed to handle high torque, precise positioning, and rapid indexing. | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Servo Motor** | Drives the turret rotation. | Usually a high-torque AC Synchronous motor. | | **Rotary Encoder** | Feedback loop for position. | High-resolution absolute encoder for tracking tool stations. | | **Proximity Sensors** | Homing and safety checks. | Inductive sensors (PNP/NPN) to detect locking/unlocking states. | | **Solenoid Valves** | Pneumatic/Hydraulic control. | 24V DC valves that trigger the clamping/unclamping mechanism. | | **Limit Switches** | Physical safety stop. | Prevents the turret from over-rotating or crashing during a fault. | --- ## 2. Control System Logic The electronic parts communicate directly with the Machine Control Unit (MCU). The sequence is generally structured as follows: ### Unclamp Signal * The MCU sends a 24V signal to the **Solenoid Valve**. * A **Proximity Switch** confirms the turret is "Unclamped." ### Indexing (Rotation) * The **Servo Drive** receives a pulse-width modulation (PWM) signal or serial command. * The **Encoder** monitors the degrees of rotation to ensure the correct tool station is reached. ### Clamp & Lock * Once the encoder matches the target position, the solenoid de-energizes. * A "Clamp Confirmation" sensor sends a signal back to the PLC to allow machining to begin. --- ## 3. Maintenance and Common Electronic Issues To ensure the longevity of the FRT-66-R electronics, regular checks are required: 1. **Cable Integrity:** The constant rotation can fatigue the internal wiring (drag chains). 2. **Signal Noise:** Ensure shielded cables are used for the encoder to prevent electromagnetic interference (EMI) from the spindle motor. 3. **Sensor Calibration:** If the turret "searches" for a position without locking, the proximity sensor may be out of alignment or covered in coolant/chips. ```json { "part_series": "FRT-66-R", "voltage_req": "24V DC (Control) / 200-220V AC (Drive)", "feedback_type": "Absolute Gray Code or Serial Encoder", "protection_rating": "IP67 (Water/Oil resistant)" } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the FRT-66-R proximity sensors?
    • ⤷ How do I troubleshoot an 'Index Timeout' error on this turret model?
    • ⤷ Which servo drive brands are compatible with the FRT-66-R motor?