전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRT-A0-R

  • AI
    The **FRT-A0-R** is an electronic component primarily classified as a **Rotary Damper**. These parts are mechanical-electronic hybrids used to control the motion of moving parts (like lids, covers, or drawers) by providing resistive torque through viscous friction. --- ### 1. Technical Specifications The FRT series is manufactured by companies like **Fuji Latex**. Below are the typical specifications for the "A0" variant: | Feature | Specification | | :--- | :--- | | **Part Number** | FRT-A0-R | | **Direction of Torque** | Right (Clockwise) | | **Rated Torque** | Fixed (Varies by sub-model, usually ~2.0 N·cm) | | **Max Rotation Speed** | 50 RPM | | **Operating Temp** | 0°C to 50°C | | **Material** | Polycarbonate / Stainless Steel / Silicone Oil | --- ### 2. Physical Construction The electronic integration of this part involves its housing and engagement mechanism: * **Outer Housing:** Usually made of durable plastic (polycarbonate). * **Internal Fluid:** High-viscosity **Silicone Oil**. The torque is generated by the shear force of this oil between the rotor and the stator. * **The "R" Suffix:** Indicates the damping direction is **Right-handed (Clockwise)**. The counter-clockwise direction usually has a "One-Way Clutch" mechanism that allows it to spin freely. --- ### 3. Applications in Electronics While the part is mechanical in nature, it is essential in the assembly of electronic hardware to prevent mechanical shock and noise: 1. **Consumer Electronics:** Used in CD/DVD player trays and cassette decks to ensure smooth ejection. 2. **Computing:** Integrated into laptop screen hinges or pop-up camera modules. 3. **Appliances:** Soft-close mechanisms for washing machine lids or control panel covers. 4. **Automotive:** Used in glove boxes, ashtrays, and center console storage compartments. --- ### 4. Installation & Usage To integrate the FRT-A0-R into a circuit or housing, engineers must account for the **Gear Pitch** and **Module**. ```markdown - Module: 0.6 to 1.0 (Standard for FRT series) - Number of Teeth: Usually 10 or 11 - Mounting: Snap-fit or Screw-on depending on the bracket type ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the FRT-A0-R and the FRT-A0-L?
    • ⤷ How does temperature affect the torque of a rotary damper?
    • ⤷ What are the common failure modes of silicone oil-based dampers?