전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRT-F3-R/Q

  • AI
    The **FRT-F3-R/Q** refers to a specific series of high-performance **pressure sensors** (or pressure transducers) commonly used in industrial automation and hydraulic control systems. Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ### 1. Technical Specifications The "FRT" series typically employs a thin-film strain gauge or piezoresistive element to convert physical pressure into a measurable electrical signal. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Pressure Transducer / Sensor | | **Excitation Voltage** | 10V - 30V DC | | **Output Signal** | 4-20mA (Current) or 0-10V (Voltage) | | **Pressure Range** | Varies by sub-model (F3 usually indicates a specific scale) | | **Connector Type** | "R/Q" usually denotes a circular M12 or DIN connector | | **Response Time** | < 1ms | | **Accuracy** | ±0.5% to ±0.1% F.S. | --- ### 2. Internal Electronic Parts The device consists of three primary electronic stages: #### A. Sensing Element (The Bridge) * **Strain Gauges:** Usually arranged in a **Wheatstone Bridge** configuration. * **Substrate:** Often stainless steel with a sputtered thin-film layer to ensure stability under high temperatures. #### B. Signal Conditioning Circuit * **Instrumentation Amplifier:** High-precision op-amps that amplify the millivolt signal from the bridge. * **ASIC (Application Specific Integrated Circuit):** Performs digital compensation for non-linearity and temperature drifts. * **Filtering:** Capacitors and ferrites to reduce Electromagnetic Interference (EMI). #### C. Output Stage * **Voltage Regulator:** Ensures the internal electronics receive steady power despite fluctuations in the input line. * **Current Loop Driver:** If it is a 4-20mA model, it includes a transistor-based constant current source to drive signals over long distances without voltage drop issues. --- ### 3. Connection Diagram (General) The electrical interface usually follows standard industrial wiring: ```mermaid graph LR A[Power +Vcc] --> B((FRT-F3)) C[Signal Out] --> B D[Ground/Common] --> B ``` * **Pin 1:** Supply + * **Pin 2:** Output (Signal) * **Pin 3:** Common (0V) * **Pin 4:** Case Ground (Earth) --- ### 4. Application Use Cases * **Hydraulic Systems:** Monitoring oil pressure in heavy machinery. * **Pneumatics:** Air pressure regulation in factory lines. * **Process Control:** Liquid pressure monitoring in chemical or water treatment plants. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pressure range options for the F3 sub-series?
    • ⤷ How does the 'R/Q' suffix affect the physical connector type?
    • ⤷ Is the FRT-F3-R/Q compatible with 5V Arduino or PLC logic levels?