전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FRT-HB-R

  • AI
    Based on the technical specifications for electronic and mechanical components, the **FRT-HB-R** typically refers to a high-performance **High-Bay PIR (Passive Infrared) Motion Sensor** or a specific series of **Rotary Dampers** depending on the manufacturer (most commonly associated with lighting control systems or mechanical soft-close components). Given the context of "electronic parts," the following breakdown focuses on the **Electronic PIR Motion Sensor** variant used in industrial lighting. --- ### 1. Key Electronic Components The FRT-HB-R consists of several internal electronic stages that allow it to detect motion and control high-voltage loads: | Component | Function | | :--- | :--- | | **PIR Sensor Element** | Detects infrared radiation emitted by moving objects (heat signatures). | | **Fresnel Lens** | Focuses infrared light onto the PIR element; designed for "High-Bay" (high ceiling) mounting. | | **Microcontroller (MCU)** | Processes the analog signal from the sensor and manages timing/threshold logic. | | **Switching Relay** | An electromechanical or solid-state component that opens/closes the circuit to the light fixture. | | **Power Supply Module** | Converts AC mains voltage (e.g., 120V-277V) to low-voltage DC for the internal logic. | --- ### 2. Technical Specifications These parts are designed to handle the electrical demands of industrial environments. * **Input Voltage:** Usually 120/277VAC or 347VAC, 60Hz. * **Load Rating:** * **Ballast/LED Driver:** Up to 800W @ 120V / 1200W @ 277V. * **Motor:** 1/4 HP. * **Time Delay:** Adjustable electronic timer (usually 30 seconds to 30 minutes). * **Light Level Sensor:** An integrated photocell to prevent the light from turning on if sufficient natural light is present. --- ### 3. Wiring Configuration The device typically utilizes a standard three-wire interface for integration into electrical systems: ```markdown 1. Black (Line) -> Connects to the incoming Hot wire. 2. Red (Load) -> Connects to the Light Fixture/Driver. 3. White (Neutral) -> Connects to the Common Return wire. ``` --- ### 4. Application Context: The "Rotary Damper" Alternative If your part is the **FRT-HB-R Rotary Damper** (often used in electronic enclosures), it is a mechanical component used to control the opening speed of lids or drawers. * **Electronic Utility:** Used to protect delicate electronic displays or PCB assemblies from mechanical shock during opening/closing. * **Material:** Polycarbonate body with silicone oil as the damping fluid.
    ✨ Follow-up Questions
    • ⤷ Are you referring to the PIR motion sensor or the mechanical rotary damper?
    • ⤷ What is the specific voltage requirement for your application?
    • ⤷ Do you need a wiring diagram for the sensor relay?